Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8145 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8145
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8145 Datasheet HTML 9Page - Analog Devices AD8145 Datasheet HTML 10Page - Analog Devices AD8145 Datasheet HTML 11Page - Analog Devices AD8145 Datasheet HTML 12Page - Analog Devices AD8145 Datasheet HTML 13Page - Analog Devices AD8145 Datasheet HTML 14Page - Analog Devices AD8145 Datasheet HTML 15Page - Analog Devices AD8145 Datasheet HTML 16Page - Analog Devices AD8145 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8145
Rev. 0 | Page 13 of 24
65
15
–60
120
TEMPERATURE (°C)
60
55
50
45
40
35
30
25
20
–40
–20
0
20
40
60
80
100
RL = OPEN CIRCUIT
ICC (±5V)
IEE (±2.5V)
IEE (±5V)
ICC (±2.5V)
5
–5
05
TIME (ns)
00
4
3
2
1
0
–1
–2
–3
–4
50
100
150
200
250
300
350
400
450
G = 2
+5V OUTPUT
+5V 2 × VIN
±5V OUTPUT
±5V 2 × VIN
Figure 28. Power Supply Current vs. Temperature
Figure 31. Output Overdrive Recovery
10
–90
0.01
1000
FREQUENCY (MHz)
0.1
1
10
100
0
–10
–20
–30
–40
–50
–60
–70
–80
BLACK = ±2.5V
GRAY = ±5V
10
–90
0.01
1000
FREQUENCY (MHz)
0.1
1
10
100
0
–10
–20
–30
–40
–50
–60
–70
–80
BLACK = +5V
GRAY = ±5V
Figure 32. Negative Power Supply Rejection Ratio vs. Frequency
Figure 29. Positive Power Supply Rejection Ratio vs. Frequency
3.5
0
–15
15
VIN (mV)
3.0
2.5
2.0
1.5
1.0
0.5
–10
–5
0
5
10
Figure 30. Comparator Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com