Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8189ARUZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8189ARUZ-R7
Description  350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8189ARUZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8189ARUZ-R7 Datasheet HTML 16Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 17Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 18Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 19Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 20Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 21Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 22Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 23Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 24 of 24
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06239-0-10/06(0)
OUTLINE DIMENSIONS
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153-AD
Figure 62. 24-Lead Thin Shrink Small Outline Package [TSSOP]
[RU-24]
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8188ARUZ1
–40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD8188ARUZ-RL1
–40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP], 13" Reel
RU-24
AD8188ARUZ-R71
–40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP], 7" Reel
RU-24
AD8189ARUZ1
–40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD8189ARUZ-RL1
–40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP], 13" Reel
RU-24
AD8189ARUZ-R71
–40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP], 7" Reel
RU-24
AD8188Z-EVALZ1
Evaluation Board
AD8189Z-EVALZ1
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com