Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8335ACPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8335ACPZ
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335ACPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8335ACPZ Datasheet HTML 16Page - Analog Devices AD8335ACPZ Datasheet HTML 17Page - Analog Devices AD8335ACPZ Datasheet HTML 18Page - Analog Devices AD8335ACPZ Datasheet HTML 19Page - Analog Devices AD8335ACPZ Datasheet HTML 20Page - Analog Devices AD8335ACPZ Datasheet HTML 21Page - Analog Devices AD8335ACPZ Datasheet HTML 22Page - Analog Devices AD8335ACPZ Datasheet HTML 23Page - Analog Devices AD8335ACPZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8335
Rev. 0 | Page 21 of 24
BASIC CONNECTIONS
Figure 58 shows the basic connections for the AD8335. Input
signals enter from the left and output signals exit from the right,
providing straight-line signal paths. Of course, a device with
four differential VGAs such as this requires a multilayer printed
circuit board. Power supply isolation is shown for the preamps,
and for the VGA sections. If components are mounted to both
sides of the board, those in the signal path should be located on
the top, with power-supply decoupling components on the
wiring side.
PREAMP CONNECTIONS
To configure the AD8335 for input matching a feedback resistor
(RFB) is ac-coupled between Pin PONx and Pin PIPx. AC coupling
accommodates dissimilar common-mode voltages at the input
and output ports. For values of RSOURCE between 50 Ω and 200 Ω,
RFB is simply 5 × RSOURCE. Table 6 lists a few larger values of source
resistor (or RIN), along with the exact value and nearest standard
1% feedback resistor. For values other those than listed in Table 6,
RFB can be calculated using Equation 5. For values larger than
1 kΩ, it may be advantageous to simply remove RFB.
Table 6. Feedback Resistor Values for Various Input Resistances
RIN (Ω)
Exact RFB Value (Ω)
Nearest Standard 1% Value (Ω)
200
1014
1.02k
500
2588
2.61k
1000
5365
5.36k
k
7
.
14
1
5
)
(
IN
IN
FB
R
R
R
−
×
=
Ω
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com