Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLX35-NB2 Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # PLX35-NB2
Description  PROSOFT REMOTE ACCESS NETWORK BRIDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

PLX35-NB2 Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  PLX35-NB2 Datasheet HTML 1Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automation Systems > Gateways and Networks > Remote Access > ProSoft Remote Access Devices > Industrial
Network Bridge
PROSOFT REMOTE ACCESS NETWORK BRIDGE
PLX35-NB2
Catalogue No:
·
Enable / Disable remote access locally via an
EtherNet/IP™ message
·
Remote Connectivity lets you access a remote network
without leaving your office
·
The network bridge does not support routing. This
secures communication is only established to the
target LAN
·
Integrates with ProSoft Connect, ProSoft Technology's
secure, cloud-native platform for the Industrial Internet
of Things
·
EasyBridge™ secure remote access provides the
easiest way to connect PLC software to remote PLCs
·
Does not require additional software, increasing
network security
Representative Photo Only
(actual product may vary based on configuration selections)
Prosoft Remote Access Network Bridge
SPECIFICATIONS
REFERENCES
Installation Guide:
-
User Manual:
-
Manufacturer Datasheet:
-
Manufacturer Catalogue
& Product Selection:
-
Supplier Declaration of
Conformity:
-
IECEx Certificate
-
Page 1 of 1
7 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
PLX35NB2 Datasheet
NHP Electrical Engineering Products


Similar Part No. - PLX35-NB2

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
PLX31-EIP-MBS NHP-PLX31-EIP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO SERIAL MODBUS
12 May 2023,
PLX31-EIP-MBS4 NHP-PLX31-EIP-MBS4 Datasheet
590Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO 4 PORT SERIAL MODBUS
12 May 2023,
PLX31-EIP-MBTCP NHP-PLX31-EIP-MBTCP Datasheet
597Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO MODBUS TCP GATEWAY
12 May 2023,
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
PLX32-EIP-MBTCP NHP-PLX32-EIP-MBTCP Datasheet
328Kb / 1P
PROSOFT GATEWAY ETHERNET IP TO MODBUS TCP DUAL SUBNETS
24 June 2023,
More results

Similar Description - PLX35-NB2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
PRISM 11Mbps Wireless Local Area Network Access Point
February 2003
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
PRISM 54Mbps Wireless Local Area Network Access Point
August 2003
logo
List of Unclassifed Man...
YTD418 ETC1-YTD418 Datasheet
1Mb / 33P
IDNPHS USER NETWORK INTERFACE FOR ISDN BASIC ACCESS
logo
Harris Corporation
RF-6010 HARRIS-RF-6010 Datasheet
375Kb / 2P
FALCON II TACTICAL NETWORK ACCESS HUB
logo
Murata Manufacturing Co...
SNAP910 MURATA-SNAP910 Datasheet
63Kb / 3P
900MHz High-Speed Frequency Hopping Network Access Point
logo
Weidmuller
2536680000 WEIDMULLER-2536680000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
2536690000 WEIDMULLER-2536690000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
2536710000 WEIDMULLER-2536710000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
Renesas Technology Corp
RC38612 RENESAS-RC38612 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
April 13, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com