Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8364 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 2 Page - Analog Devices

  AD8364 Datasheet HTML 1Page - Analog Devices AD8364 Datasheet HTML 2Page - Analog Devices AD8364 Datasheet HTML 3Page - Analog Devices AD8364 Datasheet HTML 4Page - Analog Devices AD8364 Datasheet HTML 5Page - Analog Devices AD8364 Datasheet HTML 6Page - Analog Devices AD8364 Datasheet HTML 7Page - Analog Devices AD8364 Datasheet HTML 8Page - Analog Devices AD8364 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
AD8364
Rev. 0 | Page 2 of 48
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
General Description and Theory.................................................. 18
Square Law Detector and Amplitude Target .......................... 19
RF Input Interface ...................................................................... 19
Offset Compensation ................................................................. 19
Temperature Sensor Interface................................................... 20
VREF Interface ........................................................................... 20
Power-Down Interface............................................................... 20
VST[A, B] Interface.................................................................... 20
OUT[A, B, P, N] Outputs .......................................................... 21
Measurement Channel Difference Output
Using OUT[P, N] ........................................................................ 22
Controller Mode ......................................................................... 22
RF Measurement Mode Basic Connections............................ 23
Controller Mode Basic Connections ....................................... 24
Constant Output Power Operation.......................................... 27
Gain-Stable Transmitter/Receiver............................................ 29
Temperature Compensation Adjustment................................ 31
Device Calibration and Error Calculation.............................. 31
Selecting Calibration Points to Improve Accuracy
over a Reduced Range................................................................ 32
Altering the Slope....................................................................... 34
Channel Isolation ....................................................................... 35
Choosing the Right Value for CHP[A, B] and CLP[A, B].... 36
RF Burst Response Time ........................................................... 36
Single-Ended Input Operation ................................................. 36
Printed Circuit Board Considerations..................................... 37
Package Considerations............................................................. 37
Description of Characterization............................................... 38
Basis for Error Calculations ...................................................... 38
Evaluation and Characterization Circuit Board Layouts...... 40
Evaluation Boards........................................................................... 44
Assembly Drawings.................................................................... 46
Outline Dimensions ....................................................................... 47
Ordering Guide .......................................................................... 47
REVISION HISTORY
4/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com