Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5850A Datasheet(PDF) 4 Page - ams AG

Part # AS5850A
Description  16-Bit 256-Channel Low Noise Charge-to-Digital Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5850A Datasheet(HTML) 4 Page - ams AG

  AS5850A Datasheet HTML 1Page - ams AG AS5850A Datasheet HTML 2Page - ams AG AS5850A Datasheet HTML 3Page - ams AG AS5850A Datasheet HTML 4Page - ams AG AS5850A Datasheet HTML 5Page - ams AG AS5850A Datasheet HTML 6Page - ams AG AS5850A Datasheet HTML 7Page - ams AG AS5850A Datasheet HTML 8Page - ams AG AS5850A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Document Feedback
AS5850A
General Description
Short Datasheet
• PUBLIC
DS001024
• v2-00 • 2021-Apr-29
9
│ 3
1
General Description
The AS5850A is a 16 bit, 256-channel low-noise charge-to-digital converter designed for digital X-ray
systems. It enables a wide range of applications for digital X-ray including static and dynamic Flat
Panel Detectors (FPDs) used in radiographic imaging, digital mammography and high-speed
fluoroscopy.
The AS5850 device consists of 256 analog Charge Sensitive Amplifiers (CSA) with a programmable
full-scale range, a Correlated Double Sampler (CDS) for offset compensation with programmable time
constant and 128 multiplexed Analog-to-Digital Converters (ADC) for the digital readout of each pixel.
The device can be configured for electrons and holes polarity and includes a voltage reference and a
temperature sensor. Built-in diagnostic modes enable error detection in the signal chain.
The converted channels are output on a single LVDS interface with a data rate up to 320 Mbps for
optimized line time. The serial SPI interface allows the configuration of the analog frontend including
timing and different power modes for low stand-by power consumptions and fast startup times.
The AS5850 device is a high-speed design optimized for line times down to 20 µs. In a special low-
OSR (the ADC OverSampling Ratio) mode, it can reach even shorter line times of 15 µs. Additionally,
it is possible to bin together adjacent channels; with this binning, the fastest achievable line time is
10 µs.
AS5850A is the AS5850 chip delivered on a Chip-on-Flex package (A-type Flex) to minimize sidewall
distances and allow direct assembly on the X-Ray panel. Chapter 2 lists also other alternative delivery
forms. Additionally, the Flex design can be customized according to customer requirements upon
request.
1.1
Key Benefits & Features
The benefits and features of AS5850A, 16-Bit 256-Channel Low Noise Charge-to-Digital Converter are
listed below:
Figure 1:
Added Value of Using AS5850A
Benefits
Features
256 Channels with 16-bit resolution
Flexible and simple configuration via SPI interface
supporting daisy-chaining multiple devices
Ultra-low noise down to 500 electrons at 2 pC
input range for hole and electron integration
Standard and customized flex delivery down to
60 µm pitch on the high-density side
Low power dissipation down to 1.1 mW per
channel at 80 µs line time
Different power-down modes down to 1 µW per
channel and fast start-up times



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com