Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4222 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # AM4222
Description  VOLTAGE/CURRENT CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM4222 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

Back Button AM4222 Datasheet HTML 2Page - WOLFSPEED, INC. AM4222 Datasheet HTML 3Page - WOLFSPEED, INC. AM4222 Datasheet HTML 4Page - WOLFSPEED, INC. AM4222 Datasheet HTML 5Page - WOLFSPEED, INC. AM4222 Datasheet HTML 6Page - WOLFSPEED, INC. AM4222 Datasheet HTML 7Page - WOLFSPEED, INC. AM4222 Datasheet HTML 8Page - WOLFSPEED, INC. AM4222 Datasheet HTML 9Page - WOLFSPEED, INC. AM4222 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VOLTAGE/CURRENT CONVERTER
AM422
analog microelectronics
April 99
8/10
TYPICAL THREE–WIRE APPLICATION (0 – 5/10V)
Used in a three–wire circuit (AM422–1) ground pin 7 (GND) is connected to Ground (Figure 7).
The relationship of R1/R2, using equation 2, becomes
()
R
R
V
RI
I
INmax
OUTmax
SET
1
2
0
2
1
=
−
−
The current ISET is used to set the output current offset and can be calculated by using equation 3
()
()
IV
V
R
RR
R
RR
R
SET
IN
REF
SET
SET
==
⋅
+−
++
0
2
0
43
34
()
With R3 = R4 the set resistor RSET becomes (equation 4)
R
RR I
V
SET
SET
REF
≈
4
04
Example 1: Output current range 4...20mA
In this case the values of the external devices (V
IN = 05
K V, VREF = 5V ) are as follows
R0 = 25
Ω
R3 = R4 = 33k
Ω
RSET
≈ 2.64kΩ
R5 = 40
Ω
R1/R2
≈ 5.25
RL = 0...500
Ω
C1 = 2.2
µF
Example 2: Output current range 0...20mA
In this case the values of the external devices (V
IN = 010
K V, VREF = 5V ) are as follows
R0 = 25
Ω
R3 = R4 = 33k
Ω
RSET = 0
Ω
R5 = 40
Ω
R1/R2
≈ 9
RL = 0...500
Ω
C1 = 2.2
µF
C
1
R
4
R
3
V
REF
R
0
V
S
I
OUT
R
L
Ground
3
4
7
G = 1
Amplifier
2
1
VREF
2
V
IN
8
V
SET
V
OFFSET
R
1
R
2
R
SET
5
V
I
6
5/10 V Reference
AM422
−1
R
5
D
1
T
1
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com