Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM452 Datasheet(PDF) 11 Page - WOLFSPEED, INC.

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM452 Datasheet(HTML) 11 Page - WOLFSPEED, INC.

Back Button AM452 Datasheet HTML 7Page - WOLFSPEED, INC. AM452 Datasheet HTML 8Page - WOLFSPEED, INC. AM452 Datasheet HTML 9Page - WOLFSPEED, INC. AM452 Datasheet HTML 10Page - WOLFSPEED, INC. AM452 Datasheet HTML 11Page - WOLFSPEED, INC. AM452 Datasheet HTML 12Page - WOLFSPEED, INC. AM452 Datasheet HTML 13Page - WOLFSPEED, INC. AM452 Datasheet HTML 14Page - WOLFSPEED, INC. AM452 Datasheet HTML 15Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 11/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
Differences in the AM452 circuitry with 2- and 3-wire applications
Figure 4: Differences in 2-and 3-wire circuitry in conjunction with AM452
AM452 is constructed in such a way that by changing the external circuitry it is suitable for
both 2-wire and 3-wire operation.
In 3-wire operation (see Figure 4, right) the IC's connection to ground (pin 14 or GND) is
connected to the system ground (Ground) which is applied externally. System supply voltage
VS is connected to pin 10 (VCC) and pin VCC to pin 11 (RS+). Supply current ICC then flows
directly into AM452 (power consumption).
In 2-wire operation (see Figure 4, left) system supply voltage VS is connected to pin 11 (RS+)
and pin 10 (VCC) to pin 9 (RS-). The overall current including the supply current then flows
via R0, enabling the relevant voltage drop to be used to regulate transistor T1.
The IC's connection to ground pin 14 (GND) is contacted to the node between resistor R5 and
load resistor RL (current output IOUT). IC ground GND is thus not the same as the ground of
the system (Ground). The output signal is tapped via load resistor RL which links system
output IOUT to the ground of the system.
Ground
V
S
I
OUT
R
0
T
1
D
1
R
5
R
L
GND
14
11
9
8
10
SET Stage
3-wire connection
V/I Converter
Ground
V
S
I
OUT
R
0
T
1
D
1
R
5
R
L
2-wire
connection
C
2
GND
14
11
9
8
10
V/I Converter
SET Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com