Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM462 Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM462 Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button AM462 Datasheet HTML 6Page - WOLFSPEED, INC. AM462 Datasheet HTML 7Page - WOLFSPEED, INC. AM462 Datasheet HTML 8Page - WOLFSPEED, INC. AM462 Datasheet HTML 9Page - WOLFSPEED, INC. AM462 Datasheet HTML 10Page - WOLFSPEED, INC. AM462 Datasheet HTML 11Page - WOLFSPEED, INC. AM462 Datasheet HTML 12Page - WOLFSPEED, INC. AM462 Datasheet HTML 13Page - WOLFSPEED, INC. AM462 Datasheet HTML 14Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 10/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
The working range resulting from Equation Fehler! Verweisquelle konnte nicht gefunden
werden. is described in Figure 4. Example calculations and typical values for the external
components can be found in the example applications from page 13 onwards.
Using OP2 as a current source
The additional operational amplifier OP2 can easily be connected up as a constant current source.
Using the circuit in Figure 5 the following applies:
Example : OP2 as courrent source
SET
SET
BG
S
R
R
V
I
V
27
.
1
=
=
(9)
The bridge symbol represents the component to be supplied with current (e.g. a piezoresistive
sensing element or temperature sensor).
A supply current of IS = 1mA is to be set. Using Equation Fehler! Verweisquelle konnte nicht
gefunden werden. the following value is calculated for external resistor RSET, which in turn
stipulates the size of the current:
Ω
=
=
=
k
27
.
1
mA
1
V
27
.
1
S
BG
SET
I
V
R
V
BG
AM462
OP2
1
R
SET
OP2 connected as
current source
2
I
S
Figure 5: Using OP2 as a constant current source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com