Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM467 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # AM467
Description  Precision amplifier for bridge circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM467 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  AM467 Datasheet HTML 1Page - WOLFSPEED, INC. AM467 Datasheet HTML 2Page - WOLFSPEED, INC. AM467 Datasheet HTML 3Page - WOLFSPEED, INC. AM467 Datasheet HTML 4Page - WOLFSPEED, INC. AM467 Datasheet HTML 5Page - WOLFSPEED, INC. AM467 Datasheet HTML 6Page - WOLFSPEED, INC. AM467 Datasheet HTML 7Page - WOLFSPEED, INC. AM467 Datasheet HTML 8Page - WOLFSPEED, INC. AM467 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Precision amplifier for bridge circuits
AM467
analog microelectronics
February 2011
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
6/9
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.1
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
based on a piezoceramic sensing element such as the above and is to be calibrated to an output
signal of 0.5...4.5 V (sensor system).
The basic calibration procedure
The sensor system is calibrated in two stages. Using a mathematical algorithm (Excel sheet:
Cali_AM467_rev1.xls) and taking AM467's measured output voltage values and the individual
sensor bridge values as a basis, the values for the two resistors (calibration resistors) are calculated.
In the calibration of the system all effective errors (parasitic effects and component tolerances) are
taken into account.
The sensing element is first measured and secondly the electrical characteristics of the sensor using
predefined precision measuring resistors. This information is then processed in an Excel program to
calculate the setpoint for two of the calibration resistors which are then swapped with the given
measuring resistors and added to the circuit accordingly.
If necessary, in a second stage the offset of the output voltage can be corrected using the
information given in the Excel sheet.
The procedure in detail (for calibration with discrete resistors)
In order to evaluate the sensor system signal four resistors (R1 to R4) are required (see Figure 2).
The values of the two resistors R2 and R4 are fixed for the network and do not have to be adjusted
during calibration. Like capacitors C1 to C4 they can be mounted on the circuit board at the outset.
Resistors R1 and R3 act as measuring resistors and are assembled on the measuring apparatus for all
sensor systems in one sensing element category (see Dimensioning). Their values must be as close
as possible to those calculated by Analog Microelectronics for the relevant sensing element
category. With the described components (R1 to R4 and C1 to C4) the sensor signal is at its operating
point which then enables calibration.
For this purpose a few of the electrical characteristics of the sensing element are first determined
without the evaluation circuitry being connected (Stage 1). Using the Excel calibration software
(Kali_AM467.xls) the necessary calibration parameters are: the sensing element resistance (RBR),
average output voltage of the sensing element (VBR) and the system's supply voltage (VCC).
Once these three values have been determined the sensing element is connected up to the evaluation
circuit. The output signal at the AM467 IC (Out1 and Out2) is measured at zero and full pressure
(offset and full scale signal) and entered into the Excel program with the bridge values including the
values for the given maximum pressure of the sensing element (Pmax).
Taking these values and applying them to a calibration algorithm the two resistors R1 and R3 are
calculated separately for each individual system. These then replace the measuring resistors and
have to be soldered onto the circuit board.
Resistors R1 and R3 are described as calibration resistors. These stipulate the final operating point.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com