Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9381/PCB Datasheet(PDF) 28 Page - Analog Devices

Part # AD9381/PCB
Description  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9381/PCB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9381/PCB Datasheet HTML 24Page - Analog Devices AD9381/PCB Datasheet HTML 25Page - Analog Devices AD9381/PCB Datasheet HTML 26Page - Analog Devices AD9381/PCB Datasheet HTML 27Page - Analog Devices AD9381/PCB Datasheet HTML 28Page - Analog Devices AD9381/PCB Datasheet HTML 29Page - Analog Devices AD9381/PCB Datasheet HTML 30Page - Analog Devices AD9381/PCB Datasheet HTML 31Page - Analog Devices AD9381/PCB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD9381
Rev. 0 | Page 28 of 44
0x26—Bit[7] Output Three-State
When enabled, this bit puts all outputs (except SOGOUT)
in a high impedance state. 0 = normal outputs. 1 = all outputs
(except SOGOUT) in high impedance mode. The power-up
default setting is 0.
0x26—Bit[5] S/PDIF Three-State
When enabled, this bit places the S/PDIF audio output pins in a
high impedance state. 0 = normal S/PDIF output. 1 = S/PDIF
pins in high impedance mode. The power-up default setting
is 0.
0x26—Bit[4] I2S Three-State
When enabled, this bit places the I2S output pins in a high
impedance state. 0 = normal I2S output. 1 = I2S pins in high
impedance mode. The power-up default setting is 0.
0x26—Bit[3] Power-Down Polarity
This bit defines the polarity of the input power-down pin.
0 = power-down pin is active low. 1 = power-down pin is active
high. The power-up default setting is 1.
0x26—Bits[2-1] Power-Down Pin Function
These bits define the different operational modes of the power-
down pin. These bits are functional only when the power-down
pin is active; when it is not active, the part is powered up and
functioning. 0 = chip is powered down and all outputs are in
high impedance mode. 1 = chip remains powered up, but all
outputs are in high impedance mode. The power-up default
setting is 00.
0x26—Bit[0] Power-Down
This bit is used to put the chip in power-down mode. In this
mode, the power dissipation is reduced to a fraction of the
typical power (see Table 1 for exact power dissipation). When in
power-down, the HSOUT, VSOUT, DATACK, and all 30 of the
data outputs are put into a high impedance state. Note that the
SOGOUT output is not put into high impedance. Circuit blocks
that continue to be active during power-down include the
voltage references, sync processing, sync detection, and the
serial register. These blocks facilitate a fast start-up from power-
down. 0 = normal operation. 1 = power-down. The power-up
default setting is 0.
0x27—Bit[7] Auto Power-Down Enable
This bit enables the chip to go into low power mode, or seek
mode if no sync inputs are detected. 0 = auto power-down
disabled. 1 = chip powers down if no sync inputs present. The
power-up default setting is 1.
0x27—Bit[6] HDCP A0 Address
This bit sets the LSB of the address of the HDCP I2C. This
should be set to 1 only for a second receiver in a dual-link
configuration. The power-up default is 0.
0x27—Bit[5] MCLK External Enable
This bit enables the MCLK to be supplied externally. If an
external MCLK is used, then it must be locked to the video
clock according to the CTS and N available in the I2C. Any
mismatch between the internal MCLK and the input MCLK
results in dropped or repeated audio samples. 0 = use internally
generated MCLK. 1 = use external MCLK input. The power-up
default setting is 0.
BT656 GENERATION
0x27—Bit[4] BT656 Enable
This bit enables the output to be BT656 compatible with the
defined start of active video (SAV) and the end of active video
(EAV) controls to be inserted. These require specification of the
number of active lines, active pixels per line, and delays to place
these markers. 0 = disable BT656 video mode. 1 = enable BT656
video mode. The power-up default setting is 0.
0x27—Bit[3] Force DE Generation
This bit allows the use of the internal DE generator in DVI
mode. 0 = internal DE generation disabled. 1 = force DE
generation via programmed registers. The power-up default
setting is 0.
0x27—Bits[2:0] Interlace Offset
These bits define the offset in HSYNCs from Field 0 to Field 1.
The power-up default setting is 000.
0x28—Bits[7:2] VSYNC Delay
These bits set the delay (in lines) from the leading edge of
VSYNC to active video. The power-up default setting is 24.
0x28—Bits[1:0] HSYNC Delay MSBs
Along with register 0x29, these ten bits set the delay (in pixels)
from the HSYNC leading edge to the start of active video. The
power-up default setting is 0x104.
0x29—Bits[7:0] HSYNC Delay LSBs
See the HSYNC Delay MSBs section.
0x2A—Bits[3:0] Line Width MSBs
Along with register 0x2B, these 12 bits set the width of the
active video line (in pixels). The power-up default setting is
0x500.
0x2B—Bits[7:0] Line Width LSBs
See the line width MSBs section.
0x2C—Bits[3:0] Screen Height MSBs
Along with register 0x2D, these 12 bits, set the height of the
active screen (in lines). The power-up default setting is 0x2D0.
0x2D—Bits[7:0] Screen Height LSBs
See the Screen Height MSBs section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com