| Electronic Components Datasheet Search |
|
AD9396/PCB Datasheet(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9396/PCB Datasheet(HTML) 31 Page - Analog Devices |
|
31 / 48 page ![]() AD9396 Rev. 0 | Page 31 of 48 0x10—Bits[7:2] SOG Comparator Threshold Exit The exit level for the SOG slicer. Must be > the enter level (Register 0x0F). The power-up default is 0x10. 0x11—Bit[7] HSYNC Source 0 = HSYNC, 1 = SOG. The power-up default is 0. These selections are ignored if Register 0x11, Bit 6 = 0. 0x11—Bit[6] HSYNC Source Override 0 = auto HSYNC source, 1 = manual HSYNC source. Manual HSYNC source is defined in Register 0x11, Bit 7. The power-up default is 0. 0x11—Bit[5] VSYNC Source 0 = VSYNC, 1 = VSYNC from SOG. The power-up default is 0. These selections are ignored if Register 0x11, Bit 4 = 0. 0x11—Bit[4] VSYNC Source Override 0 = auto VSYNC source, 1 = manual VSYNC source. Manual VSYNC source is defined in Register 0x11, Bit 5. The power-up default is 0. 0x11—Bit[3] Channel Select 0 = Channel 0, 1 = Channel 1. The power-up default is 0. These selections are ignored if Register 0x11, Bit 2 = 0. 0x11—Bit[2] Channel Select Override 0 = auto channel select, 1 = manual channel select. Manual channel select is defined in Register 0x11, Bit 3. The power-up default is 0. 0x11—Bit[1] Interface Select 0 = analog interface, 1 = digital interface. The power-up default is 0. These selections are ignored if Register 0x11, Bit 0 = 0. 0x11—Bit[0] Interface Select Override 0 = auto interface select, 1 = manual interface select. Manual interface select is defined in Register 0x11, Bit 1. The power-up default is 0. 0x12—Bit[7] Input HSYNC Polarity 0 = active low, 1 = active high. The power-up default is 1. These selections are ignored if Register 10x2, Bit 6 = 0. 0x12—Bit[6] HSYNC Polarity Override 0 = auto HSYNC polarity, 1 = manual HSYNC polarity. Manual HSYNC polarity is defined in Register 0x11, Bit 7. The power-up default is 0. 0x12—Bit[5] Input VSYNC Polarity 0 = active low, 1 = active high. The power-up default is 1. These selections are ignored if Register 0x11,Bit 4 = 0. 0x12—Bit[4] VSYNC Polarity Override 0 = auto VSYNC polarity, 1 = manual VSYNC polarity. Manual VSYNC polarity is defined in Register 0x11, Bit 5. The power- up default is 0. COAST AND CLAMP CONTROLS 0x12—Bit[3] Input Coast Polarity 0 = active low, 1 = active high. The power-up default is 1. 0x12—Bit[2] Coast Polarity Override 0 = auto-coast polarity, 1 = manual coast polarity. The power- up default is 0. 0x12—Bit[1] Coast Source 0 = internal coast, 1 = external coast. The power-up default is 0. 0x12—Bit[0] Filter Coast VSYNC 0 = use raw VSYNC for coast generation, 1 = use filtered VSYNC for coast generation The power-up default is 1. 0x13—Bits[7:0] Precoast This register allows the internally generated coast signal to be applied prior to the VSYNC signal. This is necessary in cases where pre-equalization pulses are present. The step size for this control is one HSYNC period. For precoast to work correctly, it is necessary for the VSYNC filter (0x21, Bit 5) and sync processing filter (0x21 Bit 7) both to be either enabled or disabled. The power-up default is 0. 0x14—Bits[7:0] Postcoast This register allows the internally generated coast signal to be applied following the VSYNC signal. This is necessary in cases where postequalization pulses are present. The step size for this control is one HSYNC period. For postcoast to work correctly, it is necessary for the VSYNC filter (0x21, Bit 5) and sync processing filter (0x21, Bit 7) both to be either enabled or disabled. The power-up default is 0. STATUS OF DETECTED SIGNALS 0x15—Bit[7] HSYNC0 Detection Bit Indicates if HSYNC0 is active. This bit is used to indicate when activity is detected on the HSYNC0 input pin. If HSYNC is held high or low, activity is not detected. The sync processing block diagram shows where this function is implemented. 0 = HSYNC0 not active. 1 = HSYNC0 is active. 0x15—Bit[6] HSYNC1 Detection Bit Indicates if HSYNC1 is active. This bit is used to indicate when activity is detected on the HSYNC1 input pin. If HSYNC is held high or low, activity is not detected. The sync processing block diagram shows where this function is implemented. 0 = HSYNC1 not active. 1 = HSYNC1 is active. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |