Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9510 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9510 Datasheet HTML 18Page - Analog Devices AD9510 Datasheet HTML 19Page - Analog Devices AD9510 Datasheet HTML 20Page - Analog Devices AD9510 Datasheet HTML 21Page - Analog Devices AD9510 Datasheet HTML 22Page - Analog Devices AD9510 Datasheet HTML 23Page - Analog Devices AD9510 Datasheet HTML 24Page - Analog Devices AD9510 Datasheet HTML 25Page - Analog Devices AD9510 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
AD9510
Rev. A | Page 22 of 60
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT FREQUENCY (MHz)
0
800
400
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
4 LVPECL + 4 LVDS (DIV ON)
4 LVPECL + 4 LVDS (DIV BYPASSED)
4 LVDS ONLY (DIV ON)
4 LVPECL ONLY (DIV ON)
DEFAULT–3 LVPECL + 2 LVDS (DIV ON)
Figure 7. Power vs. Frequency—LVPECL, LVDS (PLL Off)
5MHz
CLK1 (EVAL BOARD)
3GHz
Figure 8. CLK1 Smith Chart (Evaluation Board)
5MHz
CLK2 (EVAL BOARD)
3GHz
Figure 9. CLK2 Smith Chart (Evaluation Board)
OUTPUT FREQUENCY (MHz)
0
20
40
60
80
100
120
0.8
1.3
1.2
1.1
1.0
0.9
3 LVPECL + 4 CMOS (DIV ON)
Figure 10. Power vs. Frequency—LVPECL, CMOS (PLL Off)
5GHz
REFIN (EVAL BOARD)
3GHz
Figure 11. REFIN Smith Chart (Evaluation Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com