Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9515 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9515
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9515 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9515 Datasheet HTML 20Page - Analog Devices AD9515 Datasheet HTML 21Page - Analog Devices AD9515 Datasheet HTML 22Page - Analog Devices AD9515 Datasheet HTML 23Page - Analog Devices AD9515 Datasheet HTML 24Page - Analog Devices AD9515 Datasheet HTML 25Page - Analog Devices AD9515 Datasheet HTML 26Page - Analog Devices AD9515 Datasheet HTML 27Page - Analog Devices AD9515 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD9515
Rev. 0 | Page 24 of 28
Exposed Metal Paddle
The exposed metal paddle on the AD9515 package is an
electrical connection, as well as a thermal enhancement. For
the device to function properly, the paddle must be properly
attached to ground (GND).
The exposed paddle of the AD9515 package must be soldered
down.
The AD9515 must dissipate heat through its exposed
paddle. The PCB acts as a heat sink for the AD9515. The PCB
attachment must provide a good thermal path to a larger heat
dissipation area, such as a ground plane on the PCB. This
requires a grid of vias from the top layer down to the ground
plane (see Figure 34). The AD9515 evaluation board
(AD9515/PCB)provides a good example of how the part
should be attached to the PCB.
VIAS TO GND PLANE
Figure 34. PCB Land for Attaching Exposed Paddle
POWER MANAGEMENT
In some cases, the AD9515 can be configured to use less power
by turning off functions that are not being used.
The power-saving options include the following:
•
A divider is powered down when set to divide = 1
(bypassed).
•
Adjustable delay block on OUT1 is powered down when in
off mode (S0 = 0).
•
An unneeded output can be powered down (see Table 12
and Table 13). This also powers down the divider for that
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com