Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9706BCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9706BCPZ
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9706BCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9706BCPZ Datasheet HTML 31Page - Analog Devices AD9706BCPZ Datasheet HTML 32Page - Analog Devices AD9706BCPZ Datasheet HTML 33Page - Analog Devices AD9706BCPZ Datasheet HTML 34Page - Analog Devices AD9706BCPZ Datasheet HTML 35Page - Analog Devices AD9706BCPZ Datasheet HTML 36Page - Analog Devices AD9706BCPZ Datasheet HTML 37Page - Analog Devices AD9706BCPZ Datasheet HTML 38Page - Analog Devices AD9706BCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 35 of 52
Also note that the full-scale value of VIOUTA and VIOUTB should
not exceed the specified output compliance range to maintain
specified distortion and linearity performance.
VDIFF = (IOUTA – IOUTB) × RLOAD
(7)
Substituting the values of IOUTA, IOUTB, IREF, and VDIFF can be
expressed as
VDIFF = {(2 × DAC CODE – (2N − 1))/2N} ×
(8)
(32 × VREFIO/RSET) × RLOAD
Equation 7 and Equation 8 highlight some of the advantages of
operating the AD970x differentially. First, the differential operation
helps cancel common-mode error sources associated with IOUTA
and IOUTB, such as noise, distortion, and dc offsets. Second,
the differential code dependent current and subsequent voltage,
VDIFF, is twice the value of the single-ended voltage output
(that is, VIOUTA or VIOUTB), thus providing twice the signal power
to the load.
Note that the gain drift temperature performance for a single-
ended output (VIOUTA and VIOUTB) or differential output (VDIFF)
of the AD970x can be enhanced by selecting temperature
tracking resistors for RLOAD and RSET, because of their ratiometric
relationship, as shown in Equation 8.
ANALOG OUTPUTS
The complementary current outputs in each DAC, IOUTA, and
IOUTB can be configured for single-ended or differential opera-
tion. IOUTA and IOUTB can be converted into complementary
single-ended voltage outputs, VIOUTA and VIOUTB, via a load
resistor, RLOAD, as described in the DAC Transfer Function
section by Equation 5 through Equation 8. The differential
voltage, VDIFF, existing between VIOUTA and VIOUTB, can also be
converted to a single-ended voltage via a transformer or a
differential amplifier configuration. The ac performance of the
AD970x is optimum and is specified using a differential
transformer-coupled output in which the voltage swing at
IOUTA and IOUTB is limited to ±0.5 V.
The distortion and noise performance of the AD970x can be
enhanced when it is configured for differential operation. The
common-mode error sources of both IOUTA and IOUTB can
be significantly reduced by the common-mode rejection of a
transformer or differential amplifier. These common-mode
error sources include even-order distortion products and noise.
The enhancement in distortion performance becomes more
significant as the frequency content of the reconstructed waveform
increases and/or its amplitude increases. This is due to the first
order cancellation of various dynamic common-mode distortion
mechanisms, digital feedthrough, and noise.
Performing a differential-to-single-ended conversion via a
transformer also provides the ability to deliver twice the
reconstructed signal power to the load (assuming no source
termination). Because the output currents of IOUTA and
IOUTB are complementary, they become additive when
processed differentially.
When the AD970x is being used at its nominal operating point
of 2 mA output current, and 0.5 V output swing is desired,
RLOAD must be set to 250 Ω. A properly selected transformer
allows the AD970x to provide the required power and voltage
levels to different loads.
The output impedance of IOUTA and IOUTB is determined by
the equivalent parallel combination of the PMOS switches
associated with the current sources and is typically 200 MΩ in
parallel with 5 pF. It is also slightly dependent on the output
voltage (that is, VIOUTA and VIOUTB) due to the nature of a PMOS
device. As a result, maintaining IOUTA and/or IOUTB at a
virtual ground via an I-V op amp configuration results in the
optimum dc linearity. Note that the INL/DNL specifications for
the AD970x are measured with IOUTA maintained at a virtual
ground via an op amp.
IOUTA and IOUTB also have a negative and positive voltage
compliance range that must be adhered to in order to achieve
optimum performance. The absolute maximum negative output
compliance range of −1 V is set by the breakdown limits of the
CMOS process. Operation beyond this maximum limit can result
in a breakdown of the output stage and affect the reliability of
the AD970x.
The positive output compliance range is slightly dependent on
the full-scale output current, IOUTFS. It degrades slightly from its
nominal 1.0 V for an IOUTFS = 2 mA to 0.8 V for an IOUTFS = 1 mA.
The optimum distortion performance for a single-ended or
differential output is achieved when the maximum full-scale
signal at IOUTA and IOUTB does not exceed 0.5 V.
ADJUSTABLE OUTPUT COMMON MODE
The AD970x provides the ability to set the output common
mode to a value other than ACOM via Pin 19 (OTCM). This
extends the compliance range of the outputs and facilitates
interfacing the output of the AD970x to components that
require common-mode levels other than 0 V. The OTCM pin
demands dynamically changing current and should be driven
by a low source impedance to prevent a common-mode signal
from appearing on the DAC outputs. For optimum performance,
set the voltage on OTCM equal to the center of the output
swing on IOUTA and IOUTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com