Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9927 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9927 Datasheet HTML 16Page - Analog Devices AD9927 Datasheet HTML 17Page - Analog Devices AD9927 Datasheet HTML 18Page - Analog Devices AD9927 Datasheet HTML 19Page - Analog Devices AD9927 Datasheet HTML 20Page - Analog Devices AD9927 Datasheet HTML 21Page - Analog Devices AD9927 Datasheet HTML 22Page - Analog Devices AD9927 Datasheet HTML 23Page - Analog Devices AD9927 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
AD9927
Rev. 0 | Page 20 of 100
HORIZONTAL CLAMPING AND BLANKING
The AD9927’s horizontal clamping and blanking pulses are fully
programmable to suit a variety of applications. Individual
control is provided for CLPOB, PBLK, and HBLK in the
different regions of each field. This allows the dark pixel
clamping and blanking patterns to be changed at each stage of
the readout in order to accommodate different image transfer
timing and high speed line shifts.
Individual CLPOB and PBLK Patterns
The AFE horizontal timing consists of CLPOB and PBLK, as
shown in Figure 23. These two signals are programmed
independently using the registers in Table 10. The start polarity
for the CLPOB (and PBLK) signal is CLPOBPOL (PBLKPOL),
and the first and second toggle positions of the pulse are
CLPOBTOG1 (PBLKTOG1) and CLPOBTOG2 (PBLKTOG2).
Both signals are active low and should be programmed
accordingly.
A separate pattern for CLPOB and PBLK can be programmed
for each vertical sequence. As described in the Vertical Timing
Generation section, several V-sequences can be created, each
containing a unique pulse pattern for CLPOB and PBLK. Figure 49
shows how the sequence change positions divide the readout field
into different regions. By assigning a different V-sequence to
each region, the CLPOB and PBLK signals can change with
each change in the vertical timing.
CLPOB and PBLK Masking Areas
Additionally, the AD9927 allows the CLPOB and PBLK signals to
be disabled in certain lines in the field without changing any of
the existing CLPOB pattern settings.
To use CLPOB (or PBLK) masking, the CLPMASKSTART
(PBLKMASKSTART) and CLPMASKEND (PBLKMASKEND)
registers are programmed to specify the start and end lines in
the field where the CLPOB (PBLK) patterns are ignored. The
three sets of start and end registers allow up to three CLPOB
(PBLK) masking areas to be created.
The CLPOB and PBLK masking registers are not specific to a
certain V-sequence; they are always active for any existing field
of timing. During operation, to disable the CLPOB masking
feature, these registers must be set to the maximum value of
0x1FFF or a value greater than the programmed VD length.
Note that to disable CLPOB (and PBLK) masking during power-up,
it is recommended to set CLPMASKSTART (PBLKMASKSTART)
to 8191 and CLPMASKEND (PBLKMASKEND) to 0. This
prevents any accidental masking caused by register update events.
Table 10. CLPOB and PBLK Pattern Registers
Register
Length
Range
Description
CLPOBPOL
1b
High/low
Starting polarity of CLPOB for each V-sequence.
PBLKPOL
1b
High/low
Starting polarity of PBLK for each V-sequence.
CLPOBTOG1
13b
0 to 8191 pixel location
First CLPOB toggle position within line for each V-sequence.
CLPOBTOG2
13b
0 to 8191 pixel location
Second CLPOB toggle position within line for each V-sequence.
PBLKTOG1
13b
0 to 8191 pixel location
First PBLK toggle position within line for each V-sequence.
PBLKBTOG2
13b
0 to 8191 pixel location
Second PBLK toggle position within line for each V-sequence.
CLPMASKSTART
13b
0 to 8191 line location
CLPOB masking area—starting line within field (maximum of three areas).
CLPMASKEND
13b
0 to 8191 line location
CLPOB masking area—ending line within field (maximum of three areas).
PBLKMASKSTART
13b
0 to 8191 line location
PBLK masking area—starting line within field (maximum of three areas).
PBLKMASKEND
13b
0 to 8191 line location
PBLK masking area—ending line within field (maximum of three areas).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com