Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3D08060G Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # C3D08060G
Description  Silicon Carbide Schottky Diode Z-Rec® Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D08060G Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  C3D08060G Datasheet HTML 1Page - WOLFSPEED, INC. C3D08060G Datasheet HTML 2Page - WOLFSPEED, INC. C3D08060G Datasheet HTML 3Page - WOLFSPEED, INC. C3D08060G Datasheet HTML 4Page - WOLFSPEED, INC. C3D08060G Datasheet HTML 5Page - WOLFSPEED, INC. C3D08060G Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
C3D08060G Rev. H, 01-2018
Part Number
Package
Marking
C3D08060G
TO-263-2
C3D08060
TO-263-2
Note: Recommended soldering profiles can be found in the applications note here:
http://www.wolfspeed.com/power_app_notes/soldering
10.668
2.540
1.540
Tjb May 2015
MX+DI
Recommended Solder Pad Layout
POS
Inches
Millimeters
Min
Max
Min
Max
A
0.17
0.18
4.32
4.57
A1
-
0.01
-
0.25
b
0.028
0.037
0.71
0.94
b2
0.045
0.055
1.15
1.4
c
0.014
0.025
0.356
0.635
c2
0.048
0.055
1.22
1.4
D
0.35
0.37
8.89
9.4
D1
0.255
0.324
6.48
8.23
E
0.395
0.405
10.04
10.28
E1
0.31
0.318
7.88
8.08
e
0.1
BSC.
2.54
BSC.
L
0.58
0.62
14.73
15.75
L1
0.09
0.11
2.29
2.79
L2
0.045
0.055
1.15
1.39
L3
0.05
0.07
1.27
1.77
q
0°
8°
0°
8°
Package Dimensions
Package TO-263-2
PIN 1
PIN 2
CASE
Note: Tab “M” may not be present
M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com