Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3D08065E Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # C3D08065E
Description  Silicon Carbide Schottky Diode Z-Rec® Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D08065E Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  C3D08065E Datasheet HTML 1Page - WOLFSPEED, INC. C3D08065E Datasheet HTML 2Page - WOLFSPEED, INC. C3D08065E Datasheet HTML 3Page - WOLFSPEED, INC. C3D08065E Datasheet HTML 4Page - WOLFSPEED, INC. C3D08065E Datasheet HTML 5Page - WOLFSPEED, INC. C3D08065E Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
C3D08065E Rev. A, 12-2015
10
15
20
25
30
TJ = 175 °C
TJ = 125 °C
TJ = 75 °C
T = 25 °C
0
5
10
0 100 200 300 400 500 600 700 800 900 1000
Reverse Voltage, VR (V)
TJ = -55 °C
TJ = 25 °C
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
Forward Voltage
1.5
2.1
1.8
2.4
V
I
F = 8 A TJ=25°C
I
F = 8 A TJ=175°C
Fig. 1
I
R
Reverse Current
10
20
50
200
μA
V
R = 650 V TJ=25°C
V
R = 650 V TJ=175°C
Fig. 2
Q
C
Total Capacitive Charge
20
nC
V
R = 650 V, IF = 8A
di/dt = 500 A/μs
T
J = 25°C
Fig. 5
C
Total Capacitance
395
37
32
pF
V
R = 0 V, TJ = 25°C, f = 1 MHz
V
R = 200 V, TJ = 25˚C, f = 1 MHz
V
R = 400 V, TJ = 25˚C, f = 1 MHz
Fig. 6
E
C
Capacitance Stored Energy
3.0
μJ
V
R = 400 V
Fig. 7
Note: This is a majority carrier diode, so there is no reverse recovery charge.
Thermal Characteristics
Symbol Parameter
Typ.
Unit
Note
R
θ
JC
Thermal Resistance from Junction to Case
1.25
°C/W
Fig. 9
Typical Performance
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
0 200 400 600 800 1000 1200
8
10
12
14
16
18
20
TJ = -55 °C
TJ = 25 °C
TJ = 75 °C
TJ = 175 °C
TJ = 125 °C
0
2
4
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Foward Voltage, VF (V)
V
F (V)
V
R (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com