Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4860-1 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4860-1
Description  High Speed, Low Cost, Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4860-1 Datasheet(HTML) 3 Page - Analog Devices

  ADA4860-1 Datasheet HTML 1Page - Analog Devices ADA4860-1 Datasheet HTML 2Page - Analog Devices ADA4860-1 Datasheet HTML 3Page - Analog Devices ADA4860-1 Datasheet HTML 4Page - Analog Devices ADA4860-1 Datasheet HTML 5Page - Analog Devices ADA4860-1 Datasheet HTML 6Page - Analog Devices ADA4860-1 Datasheet HTML 7Page - Analog Devices ADA4860-1 Datasheet HTML 8Page - Analog Devices ADA4860-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADA4860-1
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VS = +5 V (@ TA = 25°C, G = +2, RL = 150 Ω referred to midsupply, CL = 4 pF, unless otherwise noted). For G = +2, RF = RG = 499 Ω and
for G = +1, RF = 550 Ω.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VO = 0.2 V p-p
460
MHz
VO = 2 V p-p
165
MHz
VO = 0.2 V p-p, RL = 75 Ω
430
MHz
G = +1, VO = 0.2 V p-p
650
MHz
Bandwidth for 0.1 dB Flatness
VO = 2 V p-p
58
MHz
VO = 2 V p-p, RL = 75 Ω
45
MHz
+Slew Rate (Rising Edge)
VO = 2 V p-p
695
V/μs
−Slew Rate (Falling Edge)
VO = 2 V p-p
560
V/μs
Settling Time to 0.5%
VO = 2 V step
8
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion HD2/HD3
fC = 1 MHz, VO = 2 V p-p
−90/−102
dBc
fC = 5 MHz, VO = 2 V p-p
−70/−76
dBc
Input Voltage Noise
f = 100 kHz
4.0
nV/√Hz
Input Current Noise
f = 100 kHz, +IN/−IN
1.5/7.7
pA/√Hz
Differential Gain
RL = 150 Ω
0.02
%
Differential Phase
RL = 150 Ω
0.03
Degrees
DC PERFORMANCE
Input Offset Voltage
−13
−4.25
+13
mV
+Input Bias Current
−2
−1
+1
μA
−Input Bias Current
−7
+1.0
+10
μA
Open-Loop Transresistance
400
650
kΩ
INPUT CHARACTERISTICS
Input Resistance
+IN
10
MΩ
−IN
85
Ω
Input Capacitance
+IN
1.5
pF
Input Common-Mode Voltage Range
1.2 to 3.7
V
Common-Mode Rejection Ratio
VCM = 2 V to 3 V
−52
−56
dB
POWER DOWN PIN
Input Voltage
Enabled
0.5
V
Power down
1.8
V
Bias Current
Enabled
−200
nA
Power down
60
μA
Turn-On Time
200
ns
Turn-Off Time
3.5
μs
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time (Rise/Fall)
VIN = +2.25 V to −0.25 V
60/100
ns
Output Voltage Swing
RL = 75 Ω
1.2 to 3.8
V
RL = 150 Ω
1.2 to 3.8
1 to 4
V
RL = 1 kΩ
0.9 to 4.1
0.8 to 4.2
V
Short-Circuit Current
Sinking and sourcing
45
mA
POWER SUPPLY
Operating Range
5
12
V
Total Quiescent Current
Enabled
4.5
5.2
6.5
mA
Quiescent Current
POWER DOWN pin = +VS
0.2
0.5
mA
Power Supply Rejection Ratio
+PSR
+VS = 4 V to 6 V, −VS = 0 V
−60
−62
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com