Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36MB100A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 36MB100A
Description  Power Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

36MB100A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  36MB100A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 36MB100A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
36MB100A
Power Modules
FEATURES
·
Plastic package has UL flammability classification 94V-0
·
Integrally molded heatsink provides very low thermal resistance for maximum heat dissipation
·
High forward surge capacity
·
Glass passivated chip junction
·
High isolation voltage from case to lugs
·
High temperature soldering guaranteed:260℃/10 seconds
·
A vailable in either lug package (GBPC35005)
APPLIC ATIONS
·
Ratings at 25℃ ambient temperature unless otherwise specified
·
Single Phase, half wave, 60Hz, resistive or inductive load
·
For capacitive load derate current by 20%
·
Mounting: Thru hole for #10 screw, 20 in-lbs Torque max
·
Weight: 0.53 ounce, 15.0 gram
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1000
V
VRMS
Maximum RMS Voltage
700
V
VDC
Maximum DC Blocking Voltage
1000
V
IF(AV)
Average Forward Current
35
A
IFMS
Peak Forward Surge Current8. 3mS single half sine wave superimposed onrated
load (JEDEC method)
300
A
I2t
For Fusing
Rating for Fusing (t<8.3ms)
660
A2S
VF
Maximum Instantaneous Forward Voltage drop Per Bridge element 17.5A
1.1
V
IR
Maximum DC Reverse Current atrated DC blocking Voltage per elemen
5
uA
Viso
Isolation Voltage from case to lug or lead
2500
V
Cj
ypical Junction Capacitance per leg
300
pF
Rth j-c
Max. thermal resistance junction to case
1.4
/W
TJ
Junction Temperature
-55~150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 36MB100A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
36MB100A IRF-36MB100A Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
36MB100A IRF-36MB100A Datasheet
203Kb / 5P
10 to 35 Amp Rectifier Bridges
36MB100A IRF-36MB100A Datasheet
74Kb / 6P
SINGLE PHASE BRIDGE
logo
Vishay Siliconix
36MB100A VISHAY-36MB100A Datasheet
119Kb / 6P
Single Phase Bridge (Power Modules), 25/35 A
27-Jun-08
logo
New Jersey Semi-Conduct...
36MB100A NJSEMI-36MB100A Datasheet
102Kb / 1P
Power Modules Single Phase Diode Bridges
More results

Similar Description - 36MB100A

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EFD01BF CRYDOM-EFD01BF Datasheet
1Mb / 5P
Power Modules
F18 CRYDOM-F18 Datasheet
672Kb / 4P
Power Modules
L311F CRYDOM-L311F Datasheet
585Kb / 4P
Power Modules
M50 CRYDOM-M50 Datasheet
732Kb / 4P
Power Modules
M50D CRYDOM-M50D Datasheet
795Kb / 4P
Power Modules
B-2T CRYDOM-B-2T Datasheet
794Kb / 4P
power modules
B48-2T CRYDOM-B48-2T Datasheet
722Kb / 4P
power modules
logo
Nell Semiconductor Co.,...
NKT350T NELLSEMI-NKT350T Datasheet
698Kb / 4P
Power Modules
logo
Inchange Semiconductor ...
36MT10 ISC-36MT10 Datasheet
281Kb / 2P
Power Modules
MCC162-18IO1B ISC-MCC162-18IO1B Datasheet
302Kb / 2P
Power Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com