Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85EPS Datasheet(PDF) 6 Page - International Rectifier

Part # 85EPS
Description  INPUT RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85EPS Datasheet(HTML) 6 Page - International Rectifier

  85EPS Datasheet HTML 1Page - International Rectifier 85EPS Datasheet HTML 2Page - International Rectifier 85EPS Datasheet HTML 3Page - International Rectifier 85EPS Datasheet HTML 4Page - International Rectifier 85EPS Datasheet HTML 5Page - International Rectifier 85EPS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
85EPS.. SAFE
IR Series
Bulletin I2139 rev. C 10/02
www.irf.com
Ordering Information Table
85
E
P
S
12
J
Device Code
1
5
2
4
3
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
P = Pow
IRtabTM
4
-
Type of Silicon:
S = Standard Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM
(*)
6
-
none=PowIRtabTMstandard
6
J
= Short Lead Version
08 = 800V
12 = 1200V
2
13
Anode
Anode
(*)
for higher voltage up to 1600V contact factory
6
Base Cathode
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 10/02
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com