Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4237B Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 3 Page - Cirrus Logic

  CS4237B Datasheet HTML 1Page - Cirrus Logic CS4237B Datasheet HTML 2Page - Cirrus Logic CS4237B Datasheet HTML 3Page - Cirrus Logic CS4237B Datasheet HTML 4Page - Cirrus Logic CS4237B Datasheet HTML 5Page - Cirrus Logic CS4237B Datasheet HTML 6Page - Cirrus Logic CS4237B Datasheet HTML 7Page - Cirrus Logic CS4237B Datasheet HTML 8Page - Cirrus Logic CS4237B Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 114 page
background image
ANALOG CHARACTERISTICS
TA = 25 °C; VA, VD1, VDF1-VDF4 = +5V
Input Levels: Logic 0 = 0V, Logic 1 = VD1; 1 kHz Input Sine wave; Sample Frequency, Fs = 44.1 kHz;
Measurement Bandwidth is 20 Hz to 20 kHz - unweighted, 16-bit linear coding.)
CS4237B-JQ
CS4237B-KQ
Parameter*
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Analog Input Characteristics - Minimum Gain Setting (0dB); unless otherwise specified.
ADC Resolution
(Note 1)
16
-
-
16
-
-
Bits
ADC Differential Nonlinearity
(Note 1)
-
-
±0.5
--
±0.5
LSB
Instantaneous Dynamic Range
Line Inputs
(Note 2) Mic Inputs
IDR
-
-
80
75
-
-
80
72
85
79
-
-
dB
dB
Total Harmonic Distortion
Line Inputs
Mic Inputs
THD
-
-
0.05
0.05
-
-
-
-
0.006
0.01
0.02
0.025
%
%
Interchannel Isolation
Line to Line Inputs
Line to Mic Inputs
Line-to-AUX1
Line-to-AUX2
-
-
-
-
80
80
90
90
-
-
-
-
-
-
-
-
80
80
90
90
-
-
-
-
dB
dB
dB
dB
Interchannel Gain Mismatch
Line Inputs
Mic Inputs
-
-
-
-
±0.5
±0.5
-
-
-
-
±0.5
±0.5
dB
dB
Programmable Input Gain Span
Line Inputs
21.5
22.5
-
21.5
22.5
-
dB
Gain Step Size
1.3
1.5
1.7
1.3
1.5
1.7
dB
ADC Offset Error
0 dB Gain
-
-
-
-
±10
±100
LSB
Full Scale Input Voltage: (MGE=1) MIC Inputs
(MGE=0) MIC Inputs
LINE, AUX1, AUX2, MIN Inputs
0.26
2.6
2.6
0.28
2.8
2.8
-
-
-
0.26
2.6
2.6
0.28
2.8
2.8
-
-
-
Vpp
Vpp
Vpp
Gain Drift
-
±100
--
±100
-
ppm/°C
Input Resistance
(Note 1) Mic Inputs
Other Inputs
8
20
11
23
-
-
8
20
11
23
-
-
k
Ω
k
Ω
Input Capacitance
(Note 1)
-
-
15
-
-
15
pF
Notes:
1. This specification is guaranteed by characterization, no production testing.
2. MGE = 1 (see WSS Indirect Reg I0, I1).
*Parameter definitions are given at the end of this data sheet.
Specifications are subject to change without notice.
DS213PP4
CS4237B
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com