Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2017DN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2017DN
Description  Low-Voltage, Low ON, Dual DPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2017DN Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2017DN Datasheet HTML 1Page - Vishay Siliconix DG2017DN Datasheet HTML 2Page - Vishay Siliconix DG2017DN Datasheet HTML 3Page - Vishay Siliconix DG2017DN Datasheet HTML 4Page - Vishay Siliconix DG2017DN Datasheet HTML 5Page - Vishay Siliconix DG2017DN Datasheet HTML 6Page - Vishay Siliconix DG2017DN Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DG2017
Vishay Siliconix
New Product
Document Number: 72228
S-31067—Rev. A, 26-May-03
www.vishay.com
3
SPECIFICATIONS (V+ = 3 V)
Parameter
Limits
- 40 to 85
_C
Tempa
Test Conditions
Otherwise Unless Specified
Symbol
Parameter
Unit
Maxb
Typc
Minb
Tempa
V+ = 3 V,
"10%, VIN = 0.4 or 1.6 Ve
Symbol
Dynamic Characteristics
Turn On Time
tON,
(SW1, SW2)
Room
Full
62
85
91
Turn-On Time
tON,
(SW3, SW4)
Room
Full
46
74
79
Turn Off Time
tON,
(SW1, SW2)
VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF
Room
Full
12
35
36
ns
Turn-Off Time
tON,
(SW3, SW4)
VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF
(Figure 1,2)
Room
Full
21
46
48
ns
Break Before Make Time
td,
(SW1, SW2)
Full
5
45
Break-Before-Make Time
td,
(SW3, SW4)
Full
5
26
Charge Injectiond
QINJ,
(SW1, SW2)
CL = 1 nF, VGEN = 0 V, RGEN = 0 W
Room
2
pC
Charge Injectiond
QINJ,
(SW3, SW4)
CL = 1 nF, VGEN = 0 V, RGEN = 0 W
(Figure 3)
Room
1
pC
Off Isolationd
OIRR,
(SW1, SW2)
-68
Off-Isolationd
OIRR,
(SW3, SW4)
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
-51
dB
Crosstalkd
XTALK,
(SW1, SW2)
RL = 50 W, CL = 5 pF, f = 1 MHz
(Figure 4)
Room
-69
dB
Crosstalkd
XTALK,
(SW3, SW4)
-51
NO NC Off Capacitanced
COFF,
(SW1, SW2)
12
NO, NC Off Capacitanced
COFF,,
(SW3, SW4)
VIN = 0 or V+ f = 1 MHz
Room
43
pF
Channel On Capacitanced
CON,
(SW1, SW2)
VIN = 0 or V+, f = 1 MHz
Room
86
pF
Channel-On Capacitanced
CON,
(SW3, SW4)
283
Power Supply
Power Supply Range
V+
2.0
5.5
V
Power Supply Current
I+
VOE = 0 or V+
1.0
mA
Notes:
a.
Room = 25
°C, Full = as determined by the operating suffix.
b.
Typical values are for design aid only, not guaranteed nor subject to production testing.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.
f.
Guaranteed by 5-V leakage testing, not production tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com