Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4D30120D Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # C4D30120D
Description  Silicon Carbide Schottky Diode Z-Rec® Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C4D30120D Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  C4D30120D Datasheet HTML 1Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 2Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 3Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 4Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 5Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
C4D30120D Rev. E, 09-2016
15.0
20.0
25.0
30.0
35.0
40.0
0.0
5.0
10.0
15.0
0
200
400
600
800
1000
VR Reverse Voltage (V)
Typical Performance
100
1000
10
1.E-05
1.E-04
1.E-03
1.E-02
tp(s)
1000
100
10
Figure 7. Typical Capacitance Stored Energy, per leg
Figure 8. Non-Repetitive Peak Forward Surge Current
versus Pulse Duration (sinusoidal waveform), per leg
t
p (s)
TJ = 25°C
T
J = 110°C
V
R (V)
40
35
30
25
20
15
10
5
0
0 200 400 600 800 1000
1E-05 1E-04 1E-03 1E-02
Figure 9. Device Transient Thermal Impedance
10E-3
100E-3
0.5
0.3
0.1
0.05
0.02
0.01
SinglePulse
100E-6
1E-3
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
Time, tp (s)
T (Sec)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com