Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8701-1XM Datasheet(PDF) 12 Page - ams AG

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMF8701-1XM Datasheet(HTML) 12 Page - ams AG

Back Button TMF8701-1XM Datasheet HTML 8Page - ams AG TMF8701-1XM Datasheet HTML 9Page - ams AG TMF8701-1XM Datasheet HTML 10Page - ams AG TMF8701-1XM Datasheet HTML 11Page - ams AG TMF8701-1XM Datasheet HTML 12Page - ams AG TMF8701-1XM Datasheet HTML 13Page - ams AG TMF8701-1XM Datasheet HTML 14Page - ams AG TMF8701-1XM Datasheet HTML 15Page - ams AG TMF8701-1XM Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
Datasheet, Public
Page 11
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Detailed Description
TOF Description
System Parameters
The on-chip microprocessor is a Cortex M0 μP.
Figure 11:
ARM M0 Parameters
Standard I²C Timing for 1MHz Fast Mode Plus with lower drive.
The default TOF address is 0x41.
The address can be changed after power-up. Use the enable pin
to enable only one device at a time to provide a unique device
addresses.
I/O
Figure 12:
Typical I/O Level Specification
Note(s):
1. The input high level VIH and low level VIL is defined to support a pull-up supply of 1.8V
±5%.
Min
Typ
Max
Units
Comment
μP Operating Frequency
5.37
86
MHz
The CPU can operate with the RC oscillator
directly or with a 16x PLL
RAM
32
kB
ROM
32
kB
Max PLL Frequency
172
MHz
Symbol
Parameter
Condition
Min
Typ
Max
Units
ILEAK
SDA, SCL, GPIO0/1, EN, INT
-5
5
μA
VIH(1)
SDA, SCL, GPIO0/1, EN
1.26
V
VIL_I²C(1)
SDA, SCL
2.7V<VDD<2.9V, <400kHz I²C speed
0.3
V
VDD >2.9V, <400kHz I²C speed
0.54
2.8V<VDD<3.0V, <1MHz I²C speed
0.3
VDD>3.0V, <1MHz I²C speed
0.54
VIL
GPIO0/1, EN
0.54
V
VOL
SDA, GPIO0/1, INT
2mA sink
0
0.36
V
4mA sink
0
0.6
V
IDRIVE_H
GPIO0/1
1V applied on GPIO
3.6
mA
IDRIVE_L
GPIO0/1
1V applied on GPIO
3.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com