Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G53 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVC2G53
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC2G53 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 14Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 15Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 16Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 17Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
74LVC2G53_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 31 March 2006
14 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
13. Waveforms
Measurement points are given in Table 11.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 10. Input (Bn or A) to output (A or Bn) propagation delays
Measurement points are given in Table 11.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 11. Turn-on and turn-off times
Table 11.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 2.7 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH − 0.15 V
2.7 V to 5.5 V
0.5VCC
0.5VCC
VOL + 0.3 V
VOH − 0.3 V
tPLH
tPHL
VM
VM
VM
VM
GND
VI
VOH
VOL
Bn or A
input
A or Bn
output
001aac361
VM
VI
GND
VCC
VOL
VOH
GND
S, E input
output
LOW to OFF
OFF to LOW
output
HIGH to OFF
OFF to HIGH
VM
001aad393
VM
ton
toff
ton
VX
VY
switch
disabled
switch
enabled
switch
enabled
A, Bn
A, Bn
toff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com