| Electronic Components Datasheet Search |
|
74LVC2G53GT Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G53GT Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 24 page ![]() 74LVC2G53_2 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 02 — 31 March 2006 21 of 24 Philips Semiconductors 74LVC2G53 2-channel analog multiplexer/demultiplexer Fig 20. Package outline SOT833-1 (XSON8) terminal 1 index area REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA SOT833-1 - - - MO-252 - - - SOT833-1 04-07-22 04-11-09 DIMENSIONS (mm are the original dimensions) XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm D E e1 e A1 b L L1 e1 e1 0 1 2 mm scale Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. UNIT mm 0.25 0.17 2.0 1.9 0.35 0.27 A1 max b E 1.05 0.95 D ee1 L 0.40 0.32 L1 0.5 0.6 A(1) max 0.5 0.04 1 8 2 7 3 6 4 5 8 × (2) 4 × (2) A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |