Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS0201D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS0201D
Description  SURFACE MOUNT SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS0201D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS0201D Datasheet HTML 1Page - List of Unclassifed Manufacturers FS0201D Datasheet HTML 2Page - List of Unclassifed Manufacturers FS0201D Datasheet HTML 3Page - List of Unclassifed Manufacturers FS0201D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FS02...N
SURFACE MOUNT SCR
PART NUMBER INFORMATION
Jun - 02
FAGOR
SCR
CURRENT
CASE
VOLTAGE
SENSITIVITY
F
S
02
01
B
N
00
FORMING
RB
PACKAGING
Electrical Characteristics
Gate Trigger Current
Off-State Leakage Current
On-state Voltage
On-state Threshold Voltage
Dinamic Resistance
Gate Trigger Voltage
Gate Non Trigger Voltage
Holding Current
Latching Current
PARAMETER
CONDITIONS
SENSITIVITY
Unit
SYMBOL
IGT
IDRM
VD = 12 VDC , RL = 140
Ω, T
j = 25 ºC
01
1
20
µA
04
15
50
500
5
1.45
0.9
150
0.8
0.1
15
µA
V
V
m
Ω
V
V
mA
mA
V/µs
MIN
MAX
MAX
MAX
MAX
MAX
MAX
MAX
MIN
MAX
MAX
MIN
MIN
50
25
60
A/µs
/ IRRM
VTM
VT(O)
rd
VGT
IH
IL
dv / dt
di / dt
Rth(j-l)
Rth(j-a)
Critical Rate of Voltage
Rise
Critical Rate of Current Rise
Thermal Resistance
Junction-Leads for DC
Thermal Resistance
Junction-Ambient
ºC/W
ºC/W
VD = VDRM , RGK = 1K
Ω, T
j = 125 ºC
Tj = 25 ºC
VR = VRRM ,
at IT = 1.6 Amp, tp = 380 µs, Tj = 25 ºC
Tj = 125 ºC
Tj = 125 ºC
VD = 12 VDC , RL = 140
Ω, T
j = 25 ºC
IT = 50 mA , RGK = 1K
Ω, T
j = 25 ºC
IG = 1 mA , RGK = 1K
Ω, T
j = 25 ºC
VD = 0.67 x VDRM , RGK = 1K
Ω,
Tj = 125 ºC
5
6
02
200
03
20
200
15
20
10
Tr
≤ 100 ns, F = 60 Hz,
Tj = 125 ºC
IG = 2 x IGT
VGD
VD = VDRM , RL = 3.3K
Ω,
Tj = 125 ºC
RGK = 1K
Ω,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com