Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDRS75N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEDRS75N
Description  LED Highly-Diffused Lights (75 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LEDRS75N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEDRS75N Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDRS75N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Banner Engineering Corp., 9714 Tenth Ave. No., Mpls., MN 55441 • Ph: 763.544.3164 • www.bannerengineering.com • Email: sensors@bannerengineering.com
LED Highly-Diffused Lights (75 mm)
Accessories
Continuous Power Supplies
Models
Input
Input
Cord
Output
Output
Cable
Used with
PSA-12
100-250V ac
50/60 Hz
North America
(NEMA 5-15)
12V dc ±5%
with voltage
regulation of ±1%
3.5 A max.
1.8 m (6')
Terminated with
9-pin D-sub
connector
(female pins)
Continuous types:
LEDRS75N
LEDGS75N
PSA-12E
Cont. Europe
(Schuko CEE 7)
PSC-24E
PSC-24
100-250V ac
50/60 Hz
North America
(NEMA 5-15)
24V dc ±5%
with voltage
regulation of ±1%
2.2 A max.
1.8 m (6')
2-wire
Unterminated
SCM Strobe
Control Module
(see below)
Cont. Europe
(Schuko CEE 7)
Models
Input
Input
Cord
Output
Output
Cable
Used with
PS2V-12
100-140V ac
60 Hz
North America
(NEMA 5-15)
2-channels
6 - 12V dc
2 A max. per
channel
1.8 m (6')
Terminated with
9-pin D-sub
connector
(female pins)
Continuous types:
LEDRS75N
LEDGS75N
Variable Power Supplies (see data sheet p/n 67449)
PS2V-12E
Cont. Europe
(Schuko CEE 7)
Models
Input
Trigger Input
Output
Output
Pulse Range
Used with
SCM
24V dc ±5%
2 A max.
5 - 12V dc pulse
rising or falling
(switch selectable)
10 mA max.
2-channels
24V dc ±5%
9 A nominal per
channel @ 60 Hz
5 to 1,300
microseconds
Strobed types:
LEDRS75N-S
Strobe Control Module (see data sheet p/n 67448)
Extension Cables
Models
Length
Configuration
Used with
DB906
1.8 m (6')
Terminated both ends with 9-pin D-sub connector, for continuous lights
(one end male pins and opposite end female pins)
Continuous types:
LEDRS75N
LEDGS75N
DB910
3.0 m (10')
DB9Y
1.8 m (6')
Y cable for powering 2 lights from one supply, for continuous lights
DB910S
3.0 m (10')
DB906S
1.8 m (6')
Terminated both ends with 9-pin D-sub connector, for strobed lights
(one end male pins and opposite end female pins)
DB9YS
Strobed types:
LEDRS75N-S
1.8 m (6')
Y cable for powering 2 lights from one supply, for strobed lights
(Use Power Supply PSC-24
or PSC-24E)
These models are not stocked and are non-returnable.
200-250V ac
50 Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com