Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS92 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSS92
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS92 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSS92 Datasheet HTML 1Page - NXP Semiconductors BSS92 Datasheet HTML 2Page - NXP Semiconductors BSS92 Datasheet HTML 3Page - NXP Semiconductors BSS92 Datasheet HTML 4Page - NXP Semiconductors BSS92 Datasheet HTML 5Page - NXP Semiconductors BSS92 Datasheet HTML 6Page - NXP Semiconductors BSS92 Datasheet HTML 7Page - NXP Semiconductors BSS92 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jun 19
3
Philips Semiconductors
Product specification
P-channel enhancement mode
vertical D-MOS transistor
BSS92
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note to the Limiting values and Thermal characteristics
1. Device mounted on a printed-circuit board, maximum lead length 4 mm; mounting pad for drain lead minimum
10 mm
× 10 mm.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−−240
V
VGSO
gate-source voltage (DC)
open drain
−±20
V
ID
drain current (DC)
−−150
mA
IDM
peak drain current
−−600
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
1W
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
125
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID = −250 µA
−240 −−
V
VGSth
gate-source threshold voltage
VDS =VGS; ID = −1mA
−0.8
−−2.8
V
IDSS
drain-source leakage current
VGS = 0; VDS = −60 V
−−−200 nA
VGS = 0; VDS = −200 V
−−−60
µA
IGSS
gate leakage current
VDS = 0; VGS = ±20 V
−−±100 nA
RDSon
drain-source on-state resistance
VGS = −10 V; ID = −100 mA
10
20
y
fs
forward transfer admittance
VDS = −25 V; ID = −100 mA
60
200
mS
Ciss
input capacitance
VGS = 0; VDS = −25 V; f = 1 MHz
65
pF
Coss
output capacitance
VGS = 0; VDS = −25 V; f = 1 MHz
20
pF
Crss
reverse transfer capacitance
VGS = 0; VDS = −25 V; f = 1 MHz
6
pF
Switching times (see Figs 2 and 3)
ton
turn-on time
VGS =0to −10 V; VDD = −50 V;
ID = −250 mA
5
ns
toff
turn-off time
VGS = −10 to 0 V; VDD = −50 V;
ID = −250 mA
20
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com