Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLP7110 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MLP7110
Description  Limiter Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MLP7110 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MLP7110 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLP7110 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Control Devices: MLP 7100 Series
Limiter Diodes
Description
The MicroMetrics MLP 7100 series
Limiter diodes are specially processed
PIN diodes with a thin intrinsic region
designed for use in passive or active
limiters over the entire range of fre-
quencies from 100 MHz to beyond 20
GHz. The different “I” region thick-
nesses and capacitances provide vari-
able threshold and leakage power lev-
els and power handling capability.
Applications
The MLP 7100 series limiters are for
use in waveguides, coax, microstrip or
stripline. Single or cascade devices
may be used depending on power
levels.
RS
RS
RS
2
50
Ω
50
Ω
COIL for GROUND RETURN
High Power Equivalent Circuit
2
34
Features
• Low Loss
• Greater Bandwidth
• Fast Turn on Time
Packaging
• Chip, Glass, Ceramic, Surface Mount
Typical Performance
50
Ω
50
Ω
Diode Chip
+50
+40
+30
PEAK POWER INPUT
(dBm)
+20
+10
0
+10
+20
+30
+40
+50
+60
+66
MLP7130
MLP7110
MLP7140
MLP7100
MLP7120
50
Ω
0
+3
+6
2
4
6
8
10
12
14
16
18
+8
50
Ω
Diode Chip
MLP 7100 Series
MLP 7100-7140 Series
FREQUENCY
(GHz)
MicroMetrics, Inc. 136 Harvey Road, Building C, Londonderry, NH 03053
Voice: 603-641-3800, Fax: 603-641-3500, Internet: www.micrometrics.com, E-mail: serv@micrometrics.com


Similar Part No. - MLP7110

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MLP7110 MA-COM-MLP7110 Datasheet
699Kb / 6P
Low Power Limiter Diodes
More results

Similar Description - MLP7110

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
MLD5113 AMMSEMI-MLD5113 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5114 AMMSEMI-MLD5114 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5115 AMMSEMI-MLD5115 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5116 AMMSEMI-MLD5116 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5117 AMMSEMI-MLD5117 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5118 AMMSEMI-MLD5118 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5119 AMMSEMI-MLD5119 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5120 AMMSEMI-MLD5120 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5121 AMMSEMI-MLD5121 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5123 AMMSEMI-MLD5123 Datasheet
707Kb / 1P
LIMITER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com