Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFL18ST Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NFL18ST
Description  On-Board Type (DC) EMI Suppression Filters (EMIFIL)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFL18ST Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NFL18ST Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFL18ST Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFL18ST Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
93
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NFL21S Series
The chip "EMIFIL" NFL21S series is a high performance
EMI suppression filter in 2.0x1.25mm size for high
speed signal lines by using Murata's processing
technology.
s Features
1. Suppresses noise with little attenuation of the
signal itself due to its steep filtering
characteristics.
2. Murata's original internal structure design enables
excellent noise suppression up to high frequencies.
3. Available in nine different values of cut off
frequency ranging from 10MHz up to 500MHz.
s Applications
Suppression of high magnitude radiated noise generated
by high speed digital circuits such as clock and RGB
0.25
±0.2
0.3
±0.2
0.4
±0.2
2.0
±0.2
0.6
±0.2
(2)
(2)
(3)
(1)
(in mm)
Part Number
Cut-off Frequency
(MHz)
Capacitance
(pF)
Inductance
(nH)
Rated
Voltage
(Vdc)
Rated
Current
(mA)
Insulation
Resistance
(M ohm)
Operating
Temperature Range
(
°C)
NFL21SP106X1C3
10
670 +20%,-20%
680 +50%,-50%
16
100
1000
-55 to 125
NFL21SP206X1C3
20
240 +20%,-20%
700 +20%,-20%
16
100
1000
-55 to 125
NFL21SP506X1C3
50
84 +20%,-20%
305 +20%,-20%
16
150
1000
-55 to 125
NFL21SP706X1C3
70
76 +20%,-20%
185 +20%,-20%
16
150
1000
-55 to 125
NFL21SP107X1C3
100
44 +20%,-20%
135 +20%,-20%
16
200
1000
-55 to 125
NFL21SP157X1C3
150
28 +20%,-20%
128 +20%,-20%
16
200
1000
-55 to 125
NFL21SP207X1C3
200
22 +20%,-20%
72 +20%,-20%
16
250
1000
-55 to 125
NFL21SP307X1C3
300
19 +10%,-10%
45 +10%,-10%
16
300
1000
-55 to 125
NFL21SP407X1C3
400
16 +10%,-10%
34 +10%,-10%
16
300
1000
-55 to 125
NFL21SP507X1C3
500
12 +10%,-10%
31 +10%,-10%
16
300
1000
-55 to 125
Number of Circuits : 1
s Equivalent Circuit
GND
(2)
(1) Input
Output (3)
No polarity.
s Insertion Loss Characteristics (Typical)
0
20
40
80
110
5
50
100
500
1000 2000
60
Frequency (MHz)
(50
Ω - 50Ω)
NFL21SP106X1C3
NFL21SP206X1C3
NFL21SP506X1C3
NFL21SP706X1C3
NFL21SP107X1C3
NFL21SP157X1C3
NFL21SP307X1C3
NFL21SP207X1C3
NFL21SP407X1C3
NFL21SP507X1C3
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E11.pdf 04.3.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com