Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC368D Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC368D
Description  Hex buffer/line driver; 3-state; inverting
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC368D Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC368D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC368D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC368D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC368D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC368D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC368D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC368D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC368D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC368D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
74HC368; 74HCT368
Hex buffer/line driver; 3-state; inverting
4. Functional diagram
aaa-024299
3
5
7
9
11
5Y
6Y
4Y
3Y
2Y
1Y
1A
2A
3A
4A
1OE
5A
6A
2OE
13
15
14
12
1
10
6
4
2
Fig. 1. Logic symbol
aaa-024300
EN
EN
1
2
4
6
10
15
12
14
3
5
7
9
11
13
Fig. 2. IEC logic symbol
aaa-024301
VCC
GND
1Y
1A
1OE
2A
3A
4A
5A
2OE
6A
2Y
3Y
4Y
5Y
6Y
Fig. 3. Logic diagram
74HC_HCT368
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 5 August 2021
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com