Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2501 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2501
Description  Phase-Locked Loop Clock Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2501 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2501 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2501 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2501 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2501 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PI6C2501
Phase-Locked Loop Clock Driver
3
PS8381A
07/17/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
ti
n
U
F K
L
C
1
0
5
2
C
6
I
P
y
c
n
e
u
q
e
rf
k
c
o
l
C5
20
8z
H
M
D I
Y
C
el
c
y
c
y
t
u
d
k
c
o
l
c
t
u
p
n
I0
40
6%
p
u
r
e
w
o
p
r
e
tf
a
e
m
i
T
n
o
it
a
zi
li
b
a
t
S
1s
m
AC Specifications
(Timing requirements over recommended ranges of supply voltage and operating free-air temperature)
r
e
t
e
m
a
r
a
P)t
u
p
n
I
(
m
o
r
F)t
u
p
t
u
O
(
o
T
V C
C
C
°
0
7
-
0
,
V
3
.
0
±
V
3
.
3
=
s
ti
n
U
.
n
i
M.
p
y
T.
x
a
M
r
e
tt
ij
t
u
o
h
ti
w
r
o
rr
e
e
s
a
h
p
tN
I
_
K
L
C
↑
z
H
M
6
6
&
0
0
1
t
aN
I
_
B
F
↑
0
5
1
–0
5
1
+
s
p
el
c
y
c
-
o
t
-
el
c
y
c
,r
e
tt
i
Jz
H
M
6
6
&
0
0
1
t
A
T
U
O
_
K
L
C
0
0
1
–0
0
1
+
el
c
y
c
y
t
u
D
5
45
5%
V
0
.
2
o
t
V
4
.
0
,
e
m
it
-
e
si
r
,r
t
0
.
1
s
n
V
4
.
0
o
t
V
0
.
2
,
e
m
it
-l
l
a
f
,f
t
1
.
1
SwitchingCharacteristics
(Over recommended ranges of supply voltage and operating free-air temperature, CL = 30pF)
Note:
These switching parameters are guaranteed by design.
Electrical Characteristics (Over Recommended Operating Free-Air Temperature Range
Pull Up/Down Currents of PI6C2501, VCC = 3.0V)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C.
n
i
M.
x
a
Ms
ti
n
U
I H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV
4
.
2
=
t
u
o
V8
1
-
A
m
t
n
e
rr
u
c
p
u
-l
l
u
PV
0
.
2
=
t
u
o
V0
3
-
I L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV
8
.
0
=
t
u
o
V5
2
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV
5
5
.
0
=
t
u
o
V7
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com