Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2005C Datasheet(PDF) 1 Page - Belden Inc.

Part # 2005C
Description  Electronic, 4 C #18 Str TC, SRPVC Ins, OS, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2005C Datasheet(HTML) 1 Page - Belden Inc.

  2005C Datasheet HTML 1Page - Belden Inc. 2005C Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 2005C
Electronic, 4 C #18 Str TC, SRPVC Ins, OS, PVC Jkt
Product Description
Electronic, 4 Conductor 18AWG (19x30) Tinned Copper, SRPVC Insulation, Overall Beldfoil® Shield, PVC Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
Electronics
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 4
18 AWG 19x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s)
PVC - Polyvinyl
Chloride
0.011 in (0.28 mm) 0.066 in (1.7 mm)
Red, Green, White, Black
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.032 in (0.81 mm) 0.227 in (5.77 mm)
Overall Cable Diameter (Nominal):
0.227 in (5.77 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 7.06 Ohm/1000ft
4 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
-20°C To +75°C
Bend Radius
Stationary Min.
Installation Min.
2.27 in (57.7 mm) 2.27 in (57.7 mm)


Similar Part No. - 2005C

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2005 GHZTECH-2005 Datasheet
166Kb / 3P
5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
logo
List of Unclassifed Man...
2005 ETC2-2005 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
2005 ETC2-2005 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
XFMRS Inc.
2005 XFMRS-2005 Datasheet
45Kb / 2P
10 BASE T MAGNETICS ISOLATION MAGNETICS
logo
Witten Company, Inc.
2005 WITTEN-2005 Datasheet
126Kb / 1P
INSERT THRU-HOLE W/FLANGE
More results

Similar Description - 2005C

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
82760 BELDEN-82760 Datasheet
251Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OS, PVC Jkt, CMP
8760 BELDEN-8760 Datasheet
243Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, PVC Jkt, CM
8770 BELDEN-8770 Datasheet
263Kb / 2P
Electronic, 3 C #18 Str TC, PE Ins, OS, PVC Jkt, CM
9462 BELDEN-9462 Datasheet
185Kb / 2P
Electronic, 2 C #22 Str TC, PVC Ins, OS, PVC Jkt, CMG
01-20-2023
8729 BELDEN-8729 Datasheet
165Kb / 2P
Electronic, 4 C #22 Str TC, PE Ins, OS, PVC Jkt, CM
04-14-2023
82489 BELDEN-82489 Datasheet
161Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, PVC Jkt, CMP
01-20-2023
8489 BELDEN-8489 Datasheet
189Kb / 2P
Electronic, 4 C #18 Str TC, PVC Ins, PVC Jkt, CMG
04-14-2023
2004C BELDEN-2004C Datasheet
138Kb / 2P
Electronic, 3 C #18 Str TC, PO Ins, OS, PVC Jkt
01-23-2023
82418 BELDEN-82418 Datasheet
168Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OS, PVC Jkt, CMP
01-20-2023
9418 BELDEN-9418 Datasheet
204Kb / 2P
Electronic, 4 C #18 Str TC,SRPVC Ins, OS, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com