Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50004L Datasheet(PDF) 1 Page - Belden Inc.

Part # 50004L
Description  RS485 FR, 4P 22AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

50004L Datasheet(HTML) 1 Page - Belden Inc.

  50004L Datasheet HTML 1Page - Belden Inc. 50004L Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 50004L
RS485 FR, 4P 22AWG Str TC, MGT, XLPE Ins, OS+TC Brd, LSZH Jkt,
IEC60331-23, ABS Approved
Product Description
RS-485 Fire Resistant, 4PR x 22AWG Stranded Tinned Copper, Mica Glass Tape, Electron-Beam Cross Linked Polyethylene Insulation, Overall Foil Plus
Tinned Copper Braid Shield, Low Smoke Zero Halogen Jacket, IEC60331-23 Fire Resistant Rating, ABS Approved
Technical Specifications
Product Overview
Suitable Applications:
Designed for applications which are used for RS 232/422/485, CANBUS, MODBUS communication protocols. Cable applications include motion oriented machine, machine control
networks, temperature controllers, control panels, machine cutting tools, auxiliary equipment, SCADA communications, etc. These cables are used in emergency evacuation / shutdown
systems in building automation, offshore, oil & gas and railway applications and are flame retardant according to IEC 60332-3-22 Category A
Construction Details
Conductor
Size
Stranding
Material
22 AWG Stranded
TC - Tinned Copper
Insulation
Material
Color Code
Notes
Mica Glass Tape
XLPE
White & Blue, White & Orange, White & Green, White & Brown *XLPE (Electron-Beam Cross Linked Polyethylene)
Outer Shield
Shield Type
Material
Drainwire Type
Tape
Bi-Laminate (Alum+Poly)
Braid
Tinned Copper (TC)
22 AWG (7x30) TC
Outer Jacket
Material
LSZH - Low Smoke Zero Halogen (Flame Retardant)
Overall Cable
Diameter (Nominal):
14.9 mm (0.587 in)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedence
59.4 Ohm/km (18.1 Ohm/1000ft) 46 pF/m (14 pF/ft)
82 pF/m
120 Ohm
Table Notes:
Nom. Inductance to Resistance ratio (L/R): 25 µH/Ω
Voltage
Voltage Rating Breakdown Voltage
300 V
1.5 kVac / 5 min
Table Notes:
Voltage Test in Water : 450Vac X 4 hours
Mechanical Characteristics
Temperature


Similar Part No. - 50004L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50004 ETC2-50004 Datasheet
257Kb / 1P
Wiha Soft Grip Wrenches
More results

Similar Description - 50004L

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
50001L BELDEN-50001L Datasheet
152Kb / 2P
RS485 FR, 1P 22AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50021L BELDEN-50021L Datasheet
152Kb / 2P
RS485 FR, 1P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50022LB BELDEN-50022LB Datasheet
153Kb / 2P
RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50031LS BELDEN-50031LS Datasheet
154Kb / 2P
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWA, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50051L BELDEN-50051L Datasheet
152Kb / 2P
RS485 FR, 1P18AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
02-01-2023
50091L BELDEN-50091L Datasheet
147Kb / 2P
RS485, 1P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50092L BELDEN-50092L Datasheet
148Kb / 2P
RS485, 2P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50022L BELDEN-50022L Datasheet
144Kb / 2P
RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50022LS BELDEN-50022LS Datasheet
154Kb / 2P
RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWA, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50031LB BELDEN-50031LB Datasheet
152Kb / 2P
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com