Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50064LS Datasheet(PDF) 2 Page - Belden Inc.

Part # 50064LS
Description  RS485, 4P 20AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

50064LS Datasheet(HTML) 2 Page - Belden Inc.

  50064LS Datasheet HTML 1Page - Belden Inc. 50064LS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage Rating Breakdown Voltage
300 V
1.5 kVac / 2s
Mechanical Characteristics
Temperature
Operating
-40°C To +90°C
Bulk Cable Weight:
436.4 kg/km (293.2 lbs/1000ft)
Standards and Compliance
Environmental
Suitability:
Sunlight Resistance, UV Resistance, Oil Resistance, Oil Resistance
Flammability /
Reaction to Fire:
IEC 60332-1-2, IEC 60332-3-22
Marine Compliance:
ABS Type Approval Certificate 20-2029059-PDA
ISO/IEC Compliance: IEC 60092-376, IEC 61034-2 - Smoke Density Min Transmittance = Min. 70% as per IEC 61034-2
European Halogen
Free Standards:
IEC 60754-1 - Halogen Amount = Max 0.5%, IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity = 10 µS/mm, IEC 60754-2 - Halogen Acid Gas Amount - Min. pH = 4.3
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Other Standard
Compliance(s):
Toxicity Index 5 as per EN 50305 / NF F63-305 (ITC)
Product Notes
Notes:
Smoke Density ASTM D2843 Max. 40%
History
Update and Revision: Revision Number: 0.55 Revision Date: 01-23-2023
Part Numbers
Variants
Item #
Color Putup Type
Length
50064LS 010500M
Black
Reel
500 m
50064LS 0101000M Black
Reel
1,000 m
50064LS 060500M
Grey
Reel
500 m
50064LS 0601000M Grey
Reel
1,000 m
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com