Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS541AT Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SS541AT
Description  Surface Mount Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS541AT Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SS541AT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS541AT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS541AT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS541AT Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Hall Effect Products
Surface Mount Sensors
SS5 Series
For application help: call 1-800-537-6945
Honeywell
• MICRO SWITCH Sensing and Control 3
MAGNETIC CHARACTERISTICS
Catalog Listing
SS51T
SS511AT SS513AT SS541AT
SS543AT
SS549AT
SS561AT
SS566AT
Magnetic Type
Bipolar
Bipolar
Bipolar
Unipolar
Unipolar
Unipolar
Latching
Latching
Magnetic Characteristics (Gauss)
-40
°C
Max. Op.
145
70
140
135
215
440
110
200
Min. Rel.
-145
-70
-140
20
80
210
-110
-200
Min. Dif.
40
15
20
15
25
30
50
200
0
°C
Max. Op.
145
65
140
117
190
400
90
185
Min. Rel.
-145
-65
-140
20
80
230
-90
-185
Min. Dif.
50
15
20
18
25
30
50
200
25
°C
Max. Op.
140
60
140
115
180
390
85
180
Min. Rel.
-140
-60
-140
20
75
235
-85
-180
Min. Dif.
50
15
20
20
25
30
50
200
85
°C
Max. Op.
150
60
140
120
180
400
85
180
Min. Rel.
-150
-60
-140
15
70
215
-85
-180
Min. Dif.
50
12
20
15
15
30
50
190
125
°C
Max. Op.
200
65
140
123
190
410
100
180
Min. Rel.
-200
-65
-140
15
60
200
-100
-180
Min. Dif.
60
12
20
8
10
30
50
160
150°C
Max. Op.
250
70
140
125
200
420
110
185
Min. Rel.
-250
-70
-140
10
55
185
-110
-185
Min. Dif.
NS
10
20
5
5
30
50
140
OPERATE AND RELEASE POINTS
SS51T
SS511AT
SS513AT
SS541AT
SS543AT
SS549AT
SS561AT
SS566AT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com