Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM9904BPD Datasheet(PDF) 6 Page - Sames

Part # PM9904BPD
Description  Evaluation Board for the SA9904B Energy Metering IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9904BPD Datasheet(HTML) 6 Page - Sames

Back Button PM9904BPD Datasheet HTML 2Page - Sames PM9904BPD Datasheet HTML 3Page - Sames PM9904BPD Datasheet HTML 4Page - Sames PM9904BPD Datasheet HTML 5Page - Sames PM9904BPD Datasheet HTML 6Page - Sames PM9904BPD Datasheet HTML 7Page - Sames PM9904BPD Datasheet HTML 8Page - Sames PM9904BPD Datasheet HTML 9Page - Sames PM9904BPD Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
sames
sames
PM9904BPD
6/22
http://www.sames.co.za
THE MICRO-CONTROLLER BOARD
OVERVIEW
This section describes the plug-in micro-controller board and
should be read in conjunction with the evaluation software
section, where basic metering software is described. The
micro-controller’s software was developed according to this
section. The board plugs into the evaluation module as
described earlier in this application note.
Keys
Four keys are provided of which one is connected to the micro-
controller’s reset pin. The other three are available to
implement an HMI (Human Machine Interface) in the firmware;
they’re labelled Up/Down and Enter on the printed circuit
board.
Rate outputs
Two LEDs are provided for active and re-active energy
respectively. These pulse outputs can be coupled to an opto-
coupler via JP3/4 providing an output for external usage. This
output-pulse selection is accomplished with a jumper on JP3/4
as follows:
+
Jumper on board’s outside edge
= a ctive
+
Jumper on board’s centre pins
= re -active
+
Jumper on board’s inside edge
= not used
Miscellaneous
Connectors JP1 and JP2 are provided to ease debugging
during code development, all relevant signals are available. J1
in conjunction with SK2 are the two plug-in points to the
evaluation module, where SK2 is the SPI connector and J1
merely a stabilising holder. The micro-controller is
programmed via SK1 using the controller’s ICSP (in circuit
serial programming) capability, as described in the relevant
MICROCHIP datasheet. If the intention is to program the board
from MICROCHIP’s PICSTART-programmer a buffer needs to
be inserted in the V
line to boost the programmer’s output
DD
capability. An example of such a buffer is shown in Figure 8.
Figure 8: Typical buffer circuit
R5
1.2M
R1
820K
R3
100R
R2
820K
2N3906
2N3819
0V
>5V
I / P
O / P
Hardware
The schematic is presented in Figure 18. As can be seen the
major elements are:
+
micro-controller,
+
eeprom,
+
keys,
+
rate LEDs / opto-isolated rate pulse output
+
and miscellaneous connectors.
Micro-controller
A PIC 16F876-20/so is used to generate the rate pulses, in this
application the micro uses a 20 MHz crystal (X1). This device
has 8kB Flash ROM (program memory) and 368 Byte RAM
(data memory). Detail information on the device can be
obtained in the appropriate MICROCHIP datasheet.
EEPROM
A 93C46 EEPROM provides storage for non-volatile data,
such as calibration factors. This device has 1 kB space
available or stated differently 128 x 8bit words.
Figure 7: Micro-controller board
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com