Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73033DBVR
Description  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73033DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73033DBVR Datasheet HTML 3Page - Texas Instruments TPS73033DBVR Datasheet HTML 4Page - Texas Instruments TPS73033DBVR Datasheet HTML 5Page - Texas Instruments TPS73033DBVR Datasheet HTML 6Page - Texas Instruments TPS73033DBVR Datasheet HTML 7Page - Texas Instruments TPS73033DBVR Datasheet HTML 8Page - Texas Instruments TPS73033DBVR Datasheet HTML 9Page - Texas Instruments TPS73033DBVR Datasheet HTML 10Page - Texas Instruments TPS73033DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
TPS730xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
V
IN
V
OUT
2.2
µF
0.01
µF(1)
0.1
µF
NOTE: (1) This capacitor is optional.
External Capacitor Requirements
Board Layout Recommendation to Improve PSRR and Noise Performance
TPS730xx
SBVS054G – NOVEMBER 2004 – REVISED DECEMBER 2006
The TPS730xx family of low-dropout (LDO) regulators has been optimized for use in noise-sensitive
battery-operated equipment. The device features extremely low dropout voltages, high PSRR, ultralow output
noise, low quiescent current (170
µA typically), and enable-input to reduce supply currents to less than 1µA when
the regulator is turned off.
A typical application circuit is shown in Figure 16.
Figure 16. Typical Application Circuit
A 0.1
µF or larger ceramic input bypass capacitor, connected between IN and GND and located close to the
TPS730xx, is required for stability and improves transient response, noise rejection, and ripple rejection. A
higher-value input capacitor may be necessary if large, fast-rise-time load transients are anticipated or the
device is located several inches from the power source.
Like most low dropout regulators, the TPS730xx requires an output capacitor connected between OUT and GND
to stabilize the internal control loop. The minimum recommended capacitance is 2.2
µF. Any 2.2µF or larger
ceramic capacitor is suitable, provided the capacitance does not vary significantly over temperature. If load
current is not expected to exceed 100mA, a 1.0
µF ceramic capacitor can be used.
The internal voltage reference is a key source of noise in an LDO regulator. The TPS730xx has an NR pin which
is connected to the voltage reference through a 250k
Ω internal resistor. The 250kΩ internal resistor, in
conjunction with an external bypass capacitor connected to the NR pin, creates a low pass filter to reduce the
voltage reference noise and, therefore, the noise at the regulator output. In order for the regulator to operate
properly, the current flow out of the NR pin must be at a minimum, because any leakage current creates an IR
drop across the internal resistor thus creating an output error. Therefore, the bypass capacitor must have
minimal leakage current. The bypass capacitor should be no more than 0.1
µF to ensure that it is fully charged
during the quickstart time provided by the internal switch shown in the Functional Block Diagrams.
As an example, the TPS73018 exhibits only 23
µV
RMS of output voltage noise using a 0.01µF ceramic bypass
capacitor and a 2.2
µF ceramic output capacitor. Note that the output starts up slower as the bypass capacitance
increases due to the RC time constant at the NR pin that is created by the internal 250k
Ω resistor and external
capacitor.
To improve ac measurements like PSRR, output noise, and transient response, it is recommended that the
board be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the
GND pin of the device. In addition, the ground connection for the bypass capacitor should connect directly to the
GND pin of the device.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com