Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES6698FD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ES6698FD
Description  Vibratto-II Automotive DVD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES6698FD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES6698FD Datasheet HTML 1Page - List of Unclassifed Manufacturers ES6698FD Datasheet HTML 2Page - List of Unclassifed Manufacturers ES6698FD Datasheet HTML 3Page - List of Unclassifed Manufacturers ES6698FD Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESS Technology, Inc.
SAM0558-031804
1
ESS Technology, Inc.
ES6230
Vibratto-II Automotive DVD Processor
Product Brief
DESCRIPTION
The ES6230 Vibratto
II processor is a highly integrated
single-chip DVD solution that integrates read channel,
ECC, Servo DSP, MCU, and MPEG-2 decoder that has a
state-of-the-art 480p/576p progressive-scan video feature
to provide brilliant and sharp, flicker-free video output, and
S/PDIF input and output support. The ES6230 performs
audio/video stream data processing, TV encoding,
Macrovision
 copy protection, DVD system navigation,
system control, and housekeeping functions.
The Vibratto-II DVD processor is built on the ESS
prop rietar y dual CPU Programmable Multimedia
Processor (PMP) core consisting of 32-bit RISC and 64-bit
DSP processors and offers the best DVD feature set. The
processing units enable simultaneous parallel execution of
system commands and data processing to perform
specialized encoding and decoding tasks.
The RISC processor performs bit stream parsing, control
audio data output, transfer video and audio data to the
vecto r engin e an d service system cont r o l and
housekeeping functions. The vector engine performs
audio and video micro-code processing required by A/V
standards, such as Dolby
 Digital, DTS surround,
MPEG and JPEG imaging. These processing tasks
include video motion compensation and estimation, loop
filtering, Discrete Cosine Transforms (DCT), inverse DCT,
quantization, and inverse quantization.
The Vibratto-II DVD processor supports all popular pick-up
units, industry standard I2S audio data input and output,
EPROM and DRAM access. It also supports both letterbox
and pan-and-scan displays, sub-picture overlay, and On-
Screen Display (OSD).
The Vibratto-II’s Unified Memory Architecture enables the
lowest possible system memory cost by consolidating
multiple memory subsystems into a single unit.
In addition, the Vibratto-II DVD solution offers support for
Karaoke CD+G, DVD-Audio, HDCD, CD-DA, MP3, and
WMA.
The ES6230 DVD processor is available in 208-pin Low-
profile Quad Flat Pack (LQFP) package.
FEATURES
• Single-chip DVD processor incorporating all front-end
and back-end functions.
• Unified memory architecture.
• Proven focusing, sledding, tracking, and CLV/CAV
spindle servo control.
• Proven ECC, EFM/EFM+ demodulation, and EDC circuit.
• Built-in ADCs and DACs for servo control signals.
• Direct interface to the ES6603 servo AFE chip.
• Integrated NTSC/PAL encoder with pixel-adaptive
de-interlacer and three 10-bit 54 MHz video DACs.
• DVD-Video, DVD-VR, VCD 1.1 and 2.0, and SVCD.
• Full DVD-Audio support including MLP and LPCM
decode, CPPM decryption, and watermark detection.
• Media playback with CD-ROM, CD-R/RW, DVD-R/RW,
and DVD+R/RW.
• Up to 7.1 channel audio outputs.
• Direct interface of 16-bit DRAM up to 128-Mb capacity.
• Direct interface for up to 4 banks of 8-bit EPROM or Flash
EPROM for up to 4 MB per bank.
• Macrovision 7.1 for NTSC/PAL interlaced video.
• Macrovision AGC 1.03-compliant for 480p progressive
scan video.
• Simultaneous composite, S-video and YUV outputs.
• CCIR 656/601 YUV 4:2:2 output.
• OSD controller supports 256 colors in 8 degrees of
transparency.
• Subpicture Unit (SPU) decoder supports karaoke lyric,
subtitles, and EIA-608 compliant Line 21 Captioning.
• SmartLogo
 for custom JPEG wallpaper.
• JPEG digital photo support (Kodak Picture CD
 and
Fujifilm FujiColor CD
).
• ESS Music Slideshow™.
• Windows™ Media Audio (WMA).
• Dolby Digital (AC-3), Dolby Pro Logic™, and Pro Logic II.
• DTS surround.
• S/PDIF digital audio input and output.
• MPEG AAC and Multichannel.
• SRS TruSurround
.
• Professional karaoke with full scoring scheme.
• Slave mode operation for control by host processor.
• Extended temperature range –20° C to 70° C ambient for
automotive applications.
• Lead-free leads using 98%-Sn/2%-Cu or 98%-Sn/2%-Bi.


Similar Part No. - ES6698FD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES6698FD ETC1-ES6698FD Datasheet
62Kb / 4P
Vibratto-II DVD Processor Product Brief
More results

Similar Description - ES6698FD

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
ESS Technology,Inc
ES6168A ESS-ES6168A Datasheet
97Kb / 10P
Vibratto-S DVD Processor Product Brief
logo
Zarlink Semiconductor I...
ZL30462 ZARLINK-ZL30462 Datasheet
432Kb / 23P
Vibratto-S DVD Processor Product Brief
logo
List of Unclassifed Man...
ES6629 ETC1-ES6629 Datasheet
62Kb / 4P
Vibratto-II DVD Processor Product Brief
ES6028 ETC2-ES6028 Datasheet
85Kb / 10P
Vibratto DVD Processor
logo
ESS Technology,Inc
ES6128 ESS-ES6128 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A_05 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6178 ESS-ES6178 Datasheet
165Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
Vibratto-S Automotive DVD Processor Product Brief
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com