Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73033DBVT
Description  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73033DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS73033DBVT Datasheet HTML 1Page - Texas Instruments TPS73033DBVT Datasheet HTML 2Page - Texas Instruments TPS73033DBVT Datasheet HTML 3Page - Texas Instruments TPS73033DBVT Datasheet HTML 4Page - Texas Instruments TPS73033DBVT Datasheet HTML 5Page - Texas Instruments TPS73033DBVT Datasheet HTML 6Page - Texas Instruments TPS73033DBVT Datasheet HTML 7Page - Texas Instruments TPS73033DBVT Datasheet HTML 8Page - Texas Instruments TPS73033DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPS730xx
SBVS054G – NOVEMBER 2004 – REVISED DECEMBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT(2)
TPS730xxyyyz
XX is nominal output voltage (for example, 28 = 2.8V, 01 = Adjustable).
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Output voltages from 1.2V to 4.5V in 50mV increments are available through the use of innovative factory EEPROM programming;
minimum order quantities may apply. Contact factory for details and availability.
over operating temperature range (unless otherwise noted)(1)
UNIT
VIN range
–0.3V to +6V
VEN range
–0.3V to VIN + 0.3V
VOUT range
–0.3V to VIN + 0.3V
Peak output current
Internally limited
ESD rating, HBM
2kV
ESD rating, CDM
500V
Continuous total power dissipation
See Dissipation Ratings Table
Junction temperature range
–40
°C to +150°C
Storage temperature range, Tstg
–65
°C to +150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com