Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8985 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8985 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
Pre-Production
WM8985
w
PP, Rev 3.4, October 2006
23
RECOMMENDED POWER UP/DOWN SEQUENCE
In order to minimise output pop and click noise, it is recommended that the WM8985 device is
powered up and down under control using the following sequences:
Power Up:
1.
Turn on external power supplies. Wait for supply voltage to settle.
2.
Set low analogue bias mode, BIASCUT = 1
3.
Enable thermal shutdown TSDEN = TSOPCTRL = 1
4.
Enable Internal bias BIASEN = 1.
5.
Mute all outputs and set PGAs to minimum gain, R52 to R57 = 0x140h.
6.
Enable VMID independent current bias, POBCTRL = 1.
7.
Enable required outputs, DACs and mixers.
8.
Enable VMID with required charge time e.g. VMIDSEL=01.
9.
Wait 10ms (based on register updates of 325
µs)
10. Setup digital interface, input amplifiers, PLL, ADCs and DACs for desired operation.
11. Disable VMID independent current bias, POBCTRL = 0.
12. Wait 500ms 1
13. Unmute L/ROUT1 and set desired volume, e.g. for 0dB R52 and R53 = 0x139h.
14. Unmute L/ROUT2 and set desired volume, e.g. for 0dB R54 and R55 = 0x139h.
Power Down 2:
1.
Disable Thermal shutdown, TSDEN = TSOPCTRL = 0
2.
Disable VMIDSEL=00 and BIASEN=0
3.
Wait for VMID to discharge 3
4.
Power off registers R1, R2, R3 = 0x000h
5.
Remove external power supplies
Notes:
1.
Charging time constant is determined by impedance selected by VMIDSEL and the value of
decoupling capacitor connected to VMID pin.
2.
It is possible to interrupt the power down sequence and power up to VMID before the allocated
VMID discharge time. This is done by following the power-up sequence omitting steps 4 to 8.
3.
Discharge time constant is determined by the values of analogue output capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com