Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5364 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB5364
Description  Evaluation Board for CS5364
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5364 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB5364 Datasheet HTML 1Page - Cirrus Logic CDB5364 Datasheet HTML 2Page - Cirrus Logic CDB5364 Datasheet HTML 3Page - Cirrus Logic CDB5364 Datasheet HTML 4Page - Cirrus Logic CDB5364 Datasheet HTML 5Page - Cirrus Logic CDB5364 Datasheet HTML 6Page - Cirrus Logic CDB5364 Datasheet HTML 7Page - Cirrus Logic CDB5364 Datasheet HTML 8Page - Cirrus Logic CDB5364 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
DS625DB1
CDB5364
3.1.1
S1 and S4 Switch Operation
DIP Switch S1 contains six switches that function as described below.
M1,M0 set the device Speed Mode
0x00 Single Speed Master
0x01 Double Speed Master
0x10 Quad Speed Master
0x11 Slave all speed
DIF1,DIF0 set the Digital Audio Interface Data format
0x00 Left Justified
0x01 I²S
0x10 TDM 2-wire
0x11 TDM 4-wire
TDM1 and TDM0 support both TDM mode and PCM mode.
In TDM mode, TDM1 and TDM0 select two stereo pairs from a TDM stream, convert the data to Left-Jus-
tified PCM format then send the data to the CS8406 S/PDIF transmitter.
0x00 TDM Pair 1 (Channel 1, 2)
0x01 TDM Pair 2 (Channel 3, 4)
0x1x Reserved
In PCM mode, TDM1 and TDM0 select which SDOUT is sent to the CS8406.
0x00 SDOUT1 (Channel 1, 2)
0x01 SDOUT2 (Channel 3, 4)
0x1x Reserved
DIP Switch S4 contains two switches which function as described below.7
MDIV - divides the master clock by 2 when OPEN (HI).
CLKMODE - divides the master clock by 1.5 when OPEN (HI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com