Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB61584A Datasheet(PDF) 8 Page - Cirrus Logic

Part # CDB61584A
Description  Dual Line Interface Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61584A Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CDB61584A Datasheet HTML 4Page - Cirrus Logic CDB61584A Datasheet HTML 5Page - Cirrus Logic CDB61584A Datasheet HTML 6Page - Cirrus Logic CDB61584A Datasheet HTML 7Page - Cirrus Logic CDB61584A Datasheet HTML 8Page - Cirrus Logic CDB61584A Datasheet HTML 9Page - Cirrus Logic CDB61584A Datasheet HTML 10Page - Cirrus Logic CDB61584A Datasheet HTML 11Page - Cirrus Logic CDB61584A Datasheet HTML 12Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
58
DS261DB2
CDB61584A
Dual Line Interface Unit
2
4
6
8
10
12
14
16
18
20
22
24
26
U7
CS61584A
CONTROL CIRCUITRY
124 TAOS2
223 TAOS1
322 LLOOP
421 RLOOP2
520 RLOOP1
619 PD1
718 PD2
817 ATTEN0
916 ATTEN1
10
15 CLKE/IPOL
11
14 1XCLK
12
13
VD+
SW2
U6
U6
U6
6
18
2
16
4
PD1
PD2
ATTEN0
CLKE/IPOL
1XCLK
C18
.01
µF
VD+
1
3
5
7
9
11
13
15
17
19
21
23
25
SD0
J26
9
11
J-TD0
J-TD1
J-TMS
T-TCK
2
4
6
8
1
3
5
7
J56
47k
1
2
3
4
5
6
RP2
8
1
CON01
7
2
CON11
6
3
CON21
5
4
CON31
VD+
SW3
8
1
CON02
7
2
CON12
6
3
CON22
5
4
CON32
SW4
2
3
4
5
6
1
RP3
CON32
U6
13
U6
C25
C39
R58
R57
C20
C23
C24
47k
VD+
J24
R55
3.92k
51.1
R56
INT
100 pF
100 pF
51.1
RP4
8
47k
100pF
51.1
100
pF
100pF
51.1
14
GND
R40
GND
GND
GND
RP5
47k
76 543 2
876 54 3 2
11
7
Figure 3. Control Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com