Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BST76A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BST76A
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST76A Datasheet(HTML) 5 Page - NXP Semiconductors

  BST76A Datasheet HTML 1Page - NXP Semiconductors BST76A Datasheet HTML 2Page - NXP Semiconductors BST76A Datasheet HTML 3Page - NXP Semiconductors BST76A Datasheet HTML 4Page - NXP Semiconductors BST76A Datasheet HTML 5Page - NXP Semiconductors BST76A Datasheet HTML 6Page - NXP Semiconductors BST76A Datasheet HTML 7Page - NXP Semiconductors BST76A Datasheet HTML 8Page - NXP Semiconductors BST76A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Jun 20
5
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BST76A
Fig.6 Output characteristics; typical values.
Tj =25 °C.
(1) VGS =10V.
(2) VGS =5V.
(3) VGS =4V.
(4) VGS =3V.
handbook, halfpage
0
(1)
(2)
(3)
(4)
10
1
0
VDS (V)
ID
(A)
0
.2
0
.4
0
.6
0
.8
24
6
8
MDA164
Fig.7 Transfer characteristic; typical values.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
010
1
0
VGS (V)
ID
(A)
0
.2
0
.4
0
.6
0
.8
24
6
8
MDA170
Fig.8
Drain current as a function of drain-source
on-state resistance; typical values.
Tj =25 °C.
(1) VGS =10V.
(2) VGS =5V.
(3) VGS =4V.
handbook, halfpage
14
4
ID
(mA)
RDSon (Ω)
6
8
10
12
103
102
10
MDA169
(1)
(2)
(3)
Fig.9
Temperature coefficient of gate-source
threshold voltage; typical values.
VGSth at 0.1 mA.
k
V
GSth at Tj
V
GSth at 25 ° C
--------------------------------------
=
handbook, halfpage
−50
1.2
1
0.8
0.6
k
0
50
150
100
MDA167
Tj (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com