Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMA-6542PF Datasheet(PDF) 1 Page - CUI Devices

Part # CMA-6542PF
Description  ELECTRET CONDENSER MICROPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMA-6542PF Datasheet(HTML) 1 Page - CUI Devices

  CMA-6542PF Datasheet HTML 1Page - CUI Devices CMA-6542PF Datasheet HTML 2Page - CUI Devices CMA-6542PF Datasheet HTML 3Page - CUI Devices CMA-6542PF Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CMA-6542PF | DESCRIPTION: ELECTRET CONDENSER MICROPHONE
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
directivity
omnidirectional
sensitivity (S)
f = 1 kHz, 1 Pa, 0 dB = 1 V/1 Pa
-45
-42
-39
dB
operating voltage
4.5
10
Vdc
output impedance (Zout)
f = 1 kHz, 1 Pa
2.2
KΩ
sensitivity reduction (∆S-Vs)
f = 1 kHz, 1 Pa, Vs = 4.5 to 1.5 Vdc
-3
dB
frequency (f)
50
20,000
Hz
current consumption (IDSS)
Vs = 4.5 Vdc, RL = 2.2 KΩ
0.5
mA
signal to noise ratio (S/N)
f = 1 kHz, 1 Pa, A-weighted
60
dBA
operating temperature
-20
70
°C
storage temperature
-20
70
°C
dimension
Ø9.7 x 6.5 mm
weight
0.7
g
material
Al
terminal
pin type (hand soldering only)
RoHS
yes
Note:
We use the “Pascal (Pa)” indication of sensitivity as per the recomendation of I.E.C. (International Electrotechnical Commission). The sensitivity of “Pa” will increase 20dB
compared to the “ubar” indication. Example: -60dB (0dB = 1V/ubar) = -40dB (1V/Pa)
MECHANICAL DRAWING
FET Impedance
converter
Term.1 C=1 F
RL
Output
+Vs
E.C.M
unit
Shield Case Term.2
-Ground
MEASUREMENT CIRCUIT
unit: mm
RL = 2.2 KΩ
Schematic Diagram
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CMA-6542PF

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
More results

Similar Description - CMA-6542PF

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
ELECTRET CONDENSER MICROPHONE
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
Electret Condenser Microphone
EM6027S SOBERTON-EM6027S Datasheet
399Kb / 5P
Electret Condenser Microphone
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com