Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA781 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA781
Description  INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA781 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA781 Datasheet HTML 8Page - Texas Instruments INA781 Datasheet HTML 9Page - Texas Instruments INA781 Datasheet HTML 10Page - Texas Instruments INA781 Datasheet HTML 11Page - Texas Instruments INA781 Datasheet HTML 12Page - Texas Instruments INA781 Datasheet HTML 13Page - Texas Instruments INA781 Datasheet HTML 14Page - Texas Instruments INA781 Datasheet HTML 15Page - Texas Instruments INA781 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
data output rate as described. Figure 7-5 shows the filter response when the 1.052 ms conversion time period is
selected.
−60
−50
−40
−30
−20
−10
0
1
10
100
1k
10k
100k
Frequency (Hz)
G001
Conversion time = 1.052 ms, single
conversion only
Figure 7-5. ADC Frequency Response
7.3.5.2 Flexible Conversion Times and Averaging
ADC conversion times for bus voltage can be set independently from 50 μs to 4.12 ms. The total conversion
time for current includes an additional conversion time for temperature, and can be varied from 100 μs to
8.24 ms. The flexibility in conversion time allows for robust operation in a variety of noisy environments. The
device also allows for programmable averaging times from a single conversion all the way to an average of
1024 conversions. The amount of averaging selected applies uniformly to all active measurement inputs. The
ADC_CONFIG register shown in Table 7-6 provides additional details on the supported conversion times and
averaging modes. The INA781 effective resolution of the ADC can be increased by increasing the conversion
time and increasing the number of averages. Figure 7-6 and Figure 7-7 shown below illustrate the effect of
conversion time and averaging on a constant input signal.
Number of Conversions
0
2000
4000
6000
8000
10000
Conversion Time: 50 us
Conversion Time: 1.052 ms
Conversion Time: 4.120 ms
Figure 7-6. Noise vs Conversion Time (Averaging = 1)
Number of Conversions
0
2000
4000
6000
8000
10000
Conversion Time: 50 us
Conversion Time: 1.052 ms
Conversion Time: 4.120 ms
Figure 7-7. Noise vs Conversion Time (Averaging = 128)
INA781
SBOSAC0 – JULY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com