Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV709 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV709 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 6Page - Texas Instruments TLV709 Datasheet HTML 7Page - Texas Instruments TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments TLV709 Datasheet HTML 11Page - Texas Instruments TLV709 Datasheet HTML 12Page - Texas Instruments TLV709 Datasheet HTML 13Page - Texas Instruments TLV709 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
7 Detailed Description
7.1 Overview
The TLV709 low-dropout regulator (LDO) consumes only 3.2 μA (typ) of quiescent current across the entire
output current range, while offering a wide input voltage range and low-dropout voltage in small packaging. The
device, which operates over an input range of 2.5 V to 30 V, is stable with any output capacitor greater than
or equal to 1 μF. The low quiescent current across the complete load current range makes the TLV709 a great
choice for powering battery-operated applications. The TLV709 has an internal soft-start to control inrush current
into the output capacitor. This LDO also has overcurrent protection during a load-short or fault condition on the
output.
7.2 Functional Block Diagrams
Bandgap
Reference
Current
Sense
Leakage Null
Control Circuit
GND
ILIM
VREF = 1.205 V
GND
GND
V(IN)
V(OUT)
FB
GND
Figure 7-1. Functional Block Diagram: Adjustable Version
Bandgap
Reference
Current
Sense
Leakage Null
Control Circuit
GND
ILIM
VREF = 1.205 V
GND
GND
V(IN)
V(OUT)
GND
Figure 7-2. Functional Block Diagram: Fixed Version
TLV709
SLVSGU2B – FEBRUARY 2023 – REVISED JUNE 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com