Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS-D1A Datasheet(PDF) 1 Page - Leach International Corporation

Part # JS-D1A
Description  RELAY – NONLATCH 1PDT, 10 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

JS-D1A Datasheet(HTML) 1 Page - Leach International Corporation

  JS-D1A Datasheet HTML 1Page - Leach International Corporation JS-D1A Datasheet HTML 2Page - Leach International Corporation JS-D1A Datasheet HTML 3Page - Leach International Corporation JS-D1A Datasheet HTML 4Page - Leach International Corporation JS-D1A Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SERIES JS
RELAY
– NONLATCH
1PDT, 10 AMP
(714) 736-7598
• leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 6/2019
1 / 5
• All weld construction
• Contact arrangement
1 PDT
• Qualified to
MIL-PRF-83536/36
PRINCIPLE TECHNICAL CHARACTERISTICS
• Contacts rated at
115 Vac 60Hz
• Weight
0.1 lbs. max
• Dimensions
1.01in x 0.51in x 1in
• Special models available upon request
• Hermetically sealed, corrosion resistant metal can
Applicable sockets:
SO-1063-9033/9034
Application Notes:
002
007
023
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
115 Vac, 60 Hz, 1Ø (CASE GROUNDED)
Resistive
10
Inductive
10
Motor
8
Lamp
4
Overload
20
Rupture
N/A


Similar Part No. - JS-D1A

ManufacturerPart #DatasheetDescription
logo
FCL COMPONENTS LIMITED
JS-( )D-K FCL-JS-( )D-K Datasheet
508Kb / 8P
1 POLE - 8A MEDIUM LOAD CONTROL
Rev. October 6, 2025.
JS-( )F-K FCL-JS-( )F-K Datasheet
508Kb / 8P
1 POLE - 8A MEDIUM LOAD CONTROL
Rev. October 6, 2025.
JS-( )F/N-K FCL-JS-( )F/N-K Datasheet
508Kb / 8P
1 POLE - 8A MEDIUM LOAD CONTROL
Rev. October 6, 2025.
JS-( )MD-K FCL-JS-( )MD-K Datasheet
508Kb / 8P
1 POLE - 8A MEDIUM LOAD CONTROL
Rev. October 6, 2025.
JS-( )MF-K FCL-JS-( )MF-K Datasheet
508Kb / 8P
1 POLE - 8A MEDIUM LOAD CONTROL
Rev. October 6, 2025.
More results

Similar Description - JS-D1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
RELAY – NONLATCH 2 PDT, 12 AMP
9330 LEACH-9330 Datasheet
375Kb / 6P
RELAY – NONLATCH 10 AMP, 2PDT
JA-A1F LEACH-JA-A1F Datasheet
722Kb / 5P
RELAY – NONLATCH – AC COIL 2PDT, 10 AMP
JSA- LEACH-JSA- Datasheet
535Kb / 5P
RELAY – NONLATCH 1PDT, 10 AMP
KA-A1F LEACH-KA-A1F Datasheet
699Kb / 5P
RELAY – NONLATCH – AC COIL 4 PDT, 10 AMP
KC-D1A LEACH-KC-D1A Datasheet
644Kb / 5P
RELAY – NONLATCH 3PDT, 25 AMP
XC-A1A LEACH-XC-A1A Datasheet
679Kb / 5P
RELAY – NONLATCHING 1PDT, LOW LEVEL TO 10 AMP
XCL LEACH-XCL Datasheet
660Kb / 5P
RELAY – LATCHING 1PDT, LOW LEVEL TO 10 AMP
YC-A1A LEACH-YC-A1A Datasheet
634Kb / 5P
RELAY – NONLATCH 3PDT, LOW LEVEL TO 10 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com